Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9942BBCZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD9942BBCZ
Description  Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9942BBCZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9942BBCZ Datasheet HTML 11Page - Analog Devices AD9942BBCZ Datasheet HTML 12Page - Analog Devices AD9942BBCZ Datasheet HTML 13Page - Analog Devices AD9942BBCZ Datasheet HTML 14Page - Analog Devices AD9942BBCZ Datasheet HTML 15Page - Analog Devices AD9942BBCZ Datasheet HTML 16Page - Analog Devices AD9942BBCZ Datasheet HTML 17Page - Analog Devices AD9942BBCZ Datasheet HTML 18Page - Analog Devices AD9942BBCZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
AD9942
Rev. A | Page 15 of 36
SERIAL INTERFACE TIMING
All of the AD9942 internal registers are accessed through a
6-wire serial interface. Each register consists of an 8-bit address
and a 24-bit data-word. Both the 8-bit address and the 24-bit
data-word are written starting with the LSB. To write to each
register, a 32-bit operation is required, as shown in Figure 14.
Although many registers are less than 24 bits wide, all 24 bits
must be written for each register. If the register is only 16 bits
wide, then the upper 8 bits can be filled with 0s during the serial
write operation. If fewer than 24 bits are written, the register is
not updated with new data.
Figure 15 shows a more efficient way to write to the registers by
using the AD9942 address auto-increment capability. In this
method, the lowest desired address is written first, followed by
multiple 24-bit data-words. Each new 24-bit data-word is
written automatically to the next highest register address. By
eliminating the need to write each 8-bit address, faster register
loading is achieved. The address auto-increment function can
be used, starting with any register location, to write to as few as
two registers or to as many as the entire register space.
SDATA_X
A0
A1
A2
A4
A5
A6
A7
D0
D1
D2
D3
D21 D22 D23
SCK_X
SL_X
A3
NOTES
1. X = A, B.
2. INDIVIDUAL SDATA_X BITS ARE LATCHED UPON SCK_X RISING EDGES.
3. ALL 32 BITS MUST BE WRITTEN: 8 BITS FORADDRESS AND 24 BITS FOR DATA.
4. IF THE REGISTER LENGTH IS <24 BITS, THEN DON’T CARE BITS MUST BE USEDTO COMPLETE THE 24-BIT DATA LENGTH.
5. NEW DATA IS UPDATED AT EITHER THE SL_X RISING EDGE OR AT THE HD_X FALLING EDGE AFTER THE NEXT VD_X FALLING EDGE.
6. VD_X/HD_X UPDATE POSITION CAN BE DELAYED TO ANY HD_X FALLING EDGE IN THE FIELD USING THE UPDATE REGISTER.
VD_X
SL UPDATED
VD/HD UPDATED
HD_X
...
...
...
...
...
8-BIT ADDRESS
24-BIT DATA
1
32
23
45
67
89
10
11
12
30
31
tLS
tDS
tDH
tLH
Figure 14. Serial Write Operation
SDATA_X
A0
A1
A2
A4
A5
A6
A7
D0
D1
D22 D23
SCK_X
SL_X
A3
NOTES
1. X = A, B.
2. MULTIPLE SEQUENTIAL REGISTERS CAN BE LOADED CONTINUOUSLY.
3. THE FIRST (LOWEST ADDRESS) REGISTER ADDRESS IS WRITTEN, FOLLOWED BY MULTIPLE 24-BIT DATA-WORDS.
4. THE ADDRESS AUTOMATICALLY INCREMENTS WITH EACH 24-BIT DATA-WORD (ALL 24 BITS MUST BE WRITTEN).
5. SL_X IS HELD LOW UNTIL THE LAST DESIRED REGISTER HAS BEEN LOADED.
6. NEW DATA IS UPDATED AT EITHER THE SL RISING EDGE OR AT THE HD FALLING EDGE AFTER THE NEXT VD FALLING EDGE.
D0
D1
D22 D23
D0
...
...
...
DATA FOR STARTING
REGISTER ADDRESS
DATA FOR NEXT
REGISTER ADDRESS
D2
D1
...
...
...
...
...
...
1
32
2
3
4
5
6
7
8
9
10
31
34
33
56
55
58
57
59
Figure 15. Continuous Serial Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com