Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9942BBCZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD9942BBCZ
Description  Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9942BBCZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9942BBCZ Datasheet HTML 13Page - Analog Devices AD9942BBCZ Datasheet HTML 14Page - Analog Devices AD9942BBCZ Datasheet HTML 15Page - Analog Devices AD9942BBCZ Datasheet HTML 16Page - Analog Devices AD9942BBCZ Datasheet HTML 17Page - Analog Devices AD9942BBCZ Datasheet HTML 18Page - Analog Devices AD9942BBCZ Datasheet HTML 19Page - Analog Devices AD9942BBCZ Datasheet HTML 20Page - Analog Devices AD9942BBCZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
AD9942
Rev. A | Page 17 of 36
Table 11. CHN_A and CHN_B CLPOB Register Map
Address
Data Bit Content
Default (Hex)
Name
Description (the CLPOBSCP0 Always Starts at Line 0)
20
[3:0]
F
CLPOBPOL
Start polarities for CLPOB Sequences 0, 1, 2, and 3.
21
[23:0]
FFFFFF
CLPOBTOG_0
Sequence 0. Toggle Position 1 [11:0] and Toggle Position 2 [23:12].
22
[23:0]
FFFFFF
CLPOBTOG_1
Sequence 1. Toggle Position 1 [11:0] and Toggle Position 2 [23:12].
23
[23:0]
FFFFFF
CLPOBTOG_2
Sequence 2. Toggle Position 1 [11:0] and Toggle Position 2 [23:12].
24
[23:0]
FFFFFF
CLPOBTOG_3
Sequence 3. Toggle Position 1 [11:0] and Toggle Position 2 [23:12].
25
[7:0]
00
CLPOBSPTR
CLPOB sequence pointers for Region 0 [1:0], 1 [3:2], 2 [5:4], and 3 [7:6].
26
[11:0]
FFF
CLPOBSCP1
CLPOB sequence—Change Position 1.
27
[11:0]
FFF
CLPOBSCP2
CLPOB sequence—Change Position 2.
28
[11:0]
FFF
CLPOBSCP3
CLPOB sequence—Change Position 3.
Table 12. PBLK Register Map
Address
Data Bit Content
Default (Hex)
Name
Description (the PBLKSCP0 Always Starts at Line 0)
30
[3:0]
F
PBLKPOL
Start polarities for PBLK Sequences 0, 1, 2, and 3.
31
[23:0]
FFFFFF
PBLKTOG_0
Sequence 0. Toggle Position 1 [11:0] and Toggle Position 2 [23:12].
32
[23:0]
FFFFFF
PBLKTOG_1
Sequence 1. Toggle Position 1 [11:0] and Toggle Position 2 [23:12].
33
[23:0]
FFFFFF
PBLKTOG_2
Sequence 2. Toggle Position 1 [11:0] and Toggle Position 2 [23:12].
34
[23:0]
FFFFFF
PBLKTOG_3
Sequence 3. Toggle Position 1 [11:0] and Toggle Position 2 [23:12].
35
[7:0]
00
PBLKSPTR
PBLK Sequence Pointers for Region 0 [1:0], 1 [3:2], 2 [5:4], and 3 [7:6].
36
[11:0]
FFF
PBLKSCP1
PBLK sequence—Change Position 1.
37
[11:0]
FFF
PBLKSCP2
PBLK sequence—Change Position 2.
38
[11:0]
FFF
PBLKSCP3
PBLK sequence—Change Position 3.
Table 13. HBLK Register Map
Address
Data Bit Content
Default (Hex)
Name
Description (the HBLKSCP0 Always Starts at Line 0)
40
[0]
0
TESTMODE
Test mode. Always set = 0 if accessed.
41
[0]
0
TESTMODE
Test mode. Always set = 0 if accessed.
42
[0]
1
TESTMODE
Test mode. Always set = 1 if accessed.
43
[3:0]
F
HBLKMASK
HBLK internal masking polarity. 0 = mask H1 low; 1 = mask H1 high.
44
[23:0]
FFFFFF
HBLKTOG12_0
Sequence 0. Toggle Position 1 [11:0] and Toggle Position 2 [23:12].
45
[23:0]
FFFFFF
HBLKTOG34_0
Sequence 0. Toggle Position 3 [11:0] and Toggle Position 4 [23:12].
46
[23:0]
FFFFFF
HBLKTOG56_0
Sequence 0. Toggle Position 5 [11:0] and Toggle Position 6 [23:12].
47
[23:0]
FFFFFF
HBLKTOG12_1
Sequence 1. Toggle Position 1 [11:0] and Toggle Position 2 [23:12].
48
[23:0]
FFFFFF
HBLKTOG34_1
Sequence 1. Toggle Position 3 [11:0] and Toggle Position 4 [23:12].
49
[23:0]
FFFFFF
HBLKTOG56_1
Sequence 1. Toggle Position 5 [11:0] and Toggle Position 6 [23:12].
4A
[23:0]
FFFFFF
HBLKTOG12_2
Sequence 2. Toggle Position 1 [11:0] and Toggle Position 2 [23:12].
4B
[23:0]
FFFFFF
HBLKTOG34_2
Sequence 2. Toggle Position 3 [11:0] and Toggle Position 4 [23:12].
4C
[23:0]
FFFFFF
HBLKTOG56_2
Sequence 2. Toggle Position 5 [11:0] and Toggle Position 6 [23:12].
4D
[23:0]
FFFFFF
HBLKTOG12_3
Sequence 3. Toggle Position 1 [11:0] and Toggle Position 2 [23:12].
4E
[23:0]
FFFFFF
HBLKTOG34_3
Sequence 3. Toggle Position 3 [11:0] and Toggle Position 4 [23:12].
4F
[23:0]
FFFFFF
HBLKTOG56_3
Sequence 3. Toggle Position 5 [11:0] and Toggle Position 6 [23:12].
50
[7:0]
00
HBLKSPTR
HBLK sequence pointers for Region 0 [1:0], 1 [3:2], 2 [5:4], and 3 [7:6].
51
[11:0]
FFF
HBLKSCP1
HBLK sequence—Change Position 1.
52
[11:0]
FFF
HBLKSCP2
HBLK sequence—Change Position 2.
53
[11:0]
FFF
HBLKSCP3
HBLK sequence—Change Position 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com