Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9942BBCZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9942BBCZ
Description  Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9942BBCZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9942BBCZ Datasheet HTML 2Page - Analog Devices AD9942BBCZ Datasheet HTML 3Page - Analog Devices AD9942BBCZ Datasheet HTML 4Page - Analog Devices AD9942BBCZ Datasheet HTML 5Page - Analog Devices AD9942BBCZ Datasheet HTML 6Page - Analog Devices AD9942BBCZ Datasheet HTML 7Page - Analog Devices AD9942BBCZ Datasheet HTML 8Page - Analog Devices AD9942BBCZ Datasheet HTML 9Page - Analog Devices AD9942BBCZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AD9942
Rev. A | Page 6 of 36
CHANNEL-TO-CHANNEL SPECIFICATIONS
TMIN to TMAX, AVDD_X = DVDD_X = 3.0 V, fCLI = 40 MHz, typical timing specifications, unless otherwise noted. X = A, B.
Table 4.
Parameter
Min
Typ
Max
Unit
Notes
CHANNEL A/CHANNEL B OUTPUT
CODE MATCHING ERROR1
<1.0%
VGA = 6 dB, 12 dB, and 18 dB conditions.
CROSSTALK ERROR
VGA = 6 dB, 12 dB, and 18 dB conditions.
Channel A to Channel B
−84
dB
Full-scale step applied to Channel A while
measuring response on Channel B.
Channel B to Channel A
−84
dB
Full-scale step applied to Channel B while
measuring response on Channel A.
1 Matching error calculated using a ramp input applied to Channel A and Channel B simultaneously. Typical Channel A/Channel B error is <1.0% at each output code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com