Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9985A/PCB Datasheet(PDF) 28 Page - Analog Devices

Part # AD9985A/PCB
Description  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9985A/PCB Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9985A/PCB Datasheet HTML 24Page - Analog Devices AD9985A/PCB Datasheet HTML 25Page - Analog Devices AD9985A/PCB Datasheet HTML 26Page - Analog Devices AD9985A/PCB Datasheet HTML 27Page - Analog Devices AD9985A/PCB Datasheet HTML 28Page - Analog Devices AD9985A/PCB Datasheet HTML 29Page - Analog Devices AD9985A/PCB Datasheet HTML 30Page - Analog Devices AD9985A/PCB Datasheet HTML 31Page - Analog Devices AD9985A/PCB Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
AD9985A
Rev. 0 | Page 28 of 32
Table 46. Control of the Sync Block Muxes via the Serial Register
Mux No.
Serial Bus Control Bit
Control Bit State
Result
1 and 2
0x0E: Bit 3
0
Pass Hsync
1
Pass sync-on-green
3
0x0F: Bit 5
0
Pass Coast
1
Pass Vsync
4
0x0E: Bit 0
0
Pass Vsync
1
Pass sync separator signal
SYNC SLICER
The purpose of the sync slicer is to extract the sync signal from
the green graphics channel. A sync signal is not present on all
graphics systems, only those with sync-on-green. The sync
signal is extracted from the green channel in a two-step process.
First, the SOG input is clamped to its negative peak (typically,
0.3 V below the black level). Next, the signal goes to a compara-
tor with a variable trigger level, nominally 0.15 V above the
clamped level. The sliced sync is typically a composite sync
signal containing both Hsync and Vsync.
SYNC SEPARATOR
A sync separator extracts the Vsync signal from a composite
sync signal. It does this through a low-pass filter-like or
integrator-like operation. It works on the idea that the Vsync
signal stays active for a much longer time than the Hsync signal,
so it rejects any signal shorter than a threshold value, which is
somewhere between an Hsync pulse width and a Vsync pulse
width.
The sync separator on the AD9985A is simply an 8-bit digital
counter with a 5 MHz clock. It works independently of the
polarity of the composite sync signal. (Polarities are determined
elsewhere on the chip.) The basic idea is that the counter counts
up when Hsync pulses are present. But since Hsync pulses are
relatively short in width, the counter only reaches a value of N
before the pulse ends. It then starts counting down, eventually
reaching 0 before the next Hsync pulse arrives.
The specific value of N varies for different video modes, but is
always less than 255. For example, with a 1 μs width Hsync, the
counter only reaches 5 (1 μs/200 ns = 5). Now, when Vsync is
present on the composite sync, the counter also counts up.
However, since the Vsync signal is much longer, it counts to a
higher number M. For most video modes, M is at least 255. So,
Vsync can be detected on the composite sync signal by
detecting when the counter counts to a value higher than N.
The specific count that triggers detection (T) can be
programmed through the serial register (0x11).
Once Vsync has been detected, there is a similar process to
detect when it goes inactive. At detection, the counter first
resets to 0, then starts counting up when Vsync goes away.
Similar to the previous case, it detects the absence of Vsync
when the counter reaches the threshold count (T). In this way, it
rejects noise and/or serration pulses. Once Vsync is detected to
be absent, the counter resets to 0 and begins the cycle again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com