Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9985A/PCB Datasheet(PDF) 22 Page - Analog Devices

Part # AD9985A/PCB
Description  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9985A/PCB Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9985A/PCB Datasheet HTML 18Page - Analog Devices AD9985A/PCB Datasheet HTML 19Page - Analog Devices AD9985A/PCB Datasheet HTML 20Page - Analog Devices AD9985A/PCB Datasheet HTML 21Page - Analog Devices AD9985A/PCB Datasheet HTML 22Page - Analog Devices AD9985A/PCB Datasheet HTML 23Page - Analog Devices AD9985A/PCB Datasheet HTML 24Page - Analog Devices AD9985A/PCB Datasheet HTML 25Page - Analog Devices AD9985A/PCB Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD9985A
Rev. 0 | Page 22 of 32
Table 16. Active Hsync Override Settings
Override
Result
0
Autodetermines the active interface (power-up
default)
1
Override, Bit 3 determines the active interface
0E
3
Active Hsync Select
This bit is used under two conditions. It is used to
select the active Hsync when the override bit is set
(Bit 4). Alternately, it is used to determine the active
Hsync when not overriding, but both Hsyncs are
detected.
Table 17. Active Hsync Select Settings
Select
Result
0
Hsync input (power-up default)
1
Sync-on-green input
0E
2
Vsync Output Invert
This bit inverts the polarity of the Vsync output
Table 18 shows the effect of this option.
Table 18. Vsync Output Invert Settings
Invert
Vsync Output
0
Invert (power-up default)
1
No invert
0E
1
Active Vsync Override
This bit is used to override the automatic Vsync
selection. To override, set this bit to Logic 1. When
overriding, the active interface is set via Bit 0 in this
register.
Table 19. Active Vsync Override Settings
Override
Result
0
Autodetermines the active Vsync (power-up default)
1
Override, Bit 0 determines the active Vsync
0E
0
Active Vsync Select
This bit is used to select the active Vsync when the
override bit is set (Bit 1).
Table 20. Active Vsync Select Settings
Select
Result
0
Vsync input (power-up default)
1
Sync separator output
0F
7
Clamp Input Signal Source
This bit determines the source of clamp timing.
Table 21. Clamp Input Signal Source Settings
Clamp Function
Result
0
Internally generated clamp signal (power-
up default)
1
Externally provided clamp signal
A 0 enables the clamp timing circuitry controlled by
clamp placement and clamp duration. The clamp
position and duration is counted from the leading
edge of Hsync.
A 1 enables the external CLAMP input pin. The three
channels are clamped when the clamp signal is active.
The polarity of clamp is determined by the clamp
polarity bit (Register 0x0F, Bit 6).
0F
6
Clamp Input Signal Polarity
This bit determines the polarity of the externally
provided clamp signal.
Table 22. Clamp Input Signal Polarity Settings
Clamp Function
Result
1
Active low (power-up default)
0
Active high
Logic 1 means that the circuit clamps when CLAMP is
low, and it passes the signal to the ADC when CLAMP
is high.
Logic 0 means that the circuit clamps when CLAMP is
high, and it passes the signal to the ADC when
CLAMP is low.
0F
5
Coast Select
This bit is used to select the active Coast source. The
choices are the COAST input pin or Vsync. If Vsync is
selected, the additional decision to use the Vsync
input pin or the output from the sync separator needs
to be made (Register 0x0E, Bits 1, 0).
Table 23. Power-Down Settings
Power-Down
Result
0
COAST input pin
1
Vsync (See the Coast Select section)
0F
4
Coast Input Polarity Override
This register is used to override the internal circuitry
that determines the polarity of the Coast signal going
into the PLL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com