Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9985A/PCB Datasheet(PDF) 25 Page - Analog Devices

Part # AD9985A/PCB
Description  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9985A/PCB Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9985A/PCB Datasheet HTML 21Page - Analog Devices AD9985A/PCB Datasheet HTML 22Page - Analog Devices AD9985A/PCB Datasheet HTML 23Page - Analog Devices AD9985A/PCB Datasheet HTML 24Page - Analog Devices AD9985A/PCB Datasheet HTML 25Page - Analog Devices AD9985A/PCB Datasheet HTML 26Page - Analog Devices AD9985A/PCB Datasheet HTML 27Page - Analog Devices AD9985A/PCB Datasheet HTML 28Page - Analog Devices AD9985A/PCB Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
AD9985A
Rev. 0 | Page 25 of 32
Table 38. Detected Coast Input Polarity Status
Polarity Status
Result
0
Coast polarity negative
1
Coast polarity positive
This indicates that Bit 1 of Register 5 is the 4:2:2
output mode select bit.
15
1
4:2:2 Output Mode Select
A bit that configures the output data in 4:2:2 mode.
This mode can be used to reduce the number of data
lines used from 24 down to 16 for applications using
YUV, YCbCr, or YPbPr graphics signals. A timing
diagram for this mode is shown in Figure 11.
Recommended input and output configurations are
shown in Table 39 and Table 40.
Table 39. 4:2:2 Output Mode Select
Select
Output Mode
0
4:2:2
1
4:4:4
Table 40. 4:2:2 Input/Output Configuration
Channel
Input Connection
Output Format
Red
V
U/V
Green
Y
Y
Blue
U
High impedance
16
7
Extra PLL Divider
A bit that can add an additional divide-by-2 into the
PLL divide ratio. Enabling this function at pixel
frequencies below 20 MHz can result in improved PLL
jitter performance, as it allows the VCO to run at a
higher frequency, resulting in lower jitter.
Table 41. PLL VCO Divide
Select
PLL Divider
0
Off
1
Extra divide-by-2
16
6-5
SOGIN Bandwidth
Two bits that can control the bandwidth of the sync-
on-green input (SOGIN). In most applications, the
SOGIN bandwidth should be set to its maximum
(300 MHz). When there is excessive noise on SOGIN,
reducing the bandwidth can help suppress the noise.
Table 42. SOGIN Bandwidth
Select
Pulses Filtered
00
300 MHz
01 or 10
13 MHz
11
6.5 MHz
16
4
Analog Input Bandwidth
This bit controls the bandwidth of the red, green,
and blue analog inputs. In most applications, the
analog input bandwidth should be set to its maximum
(300 MHz). When there is excessive noise on the
analog inputs, reducing the bandwidth can help
suppress the noise.
Table 43. Anti-Aliasing Filter
Select
Input Bandwidth
0
300 MHz
1
7 MHz
19
7:0
Red Target Code
This specifies the targeted value of the final offset
for the red channel when auto-offset is used
(Register 0x1D, Bit 7 = 1). Default is 4.
1A
7:0
Green Target Code
This specifies the targeted value of the final offset
for the green channel when auto-offset is used
(Register 0x1D Bit 7 = 1). Default is 4.
1B
7:0
Blue Target Code
This specifies the targeted value of the final offset
for the blue channel when auto-offset is used
(Register 0x1D, Bit 7 = 1). Default is 4.
1D
7
Auto-Offset Enable
Enables the auto-offset circuitry. Default is 0.
1D
6
Hold Auto-Offset
Holds the offset output of the auto-offset at the
current value. Default is 0.
1D
1:0
Update Mode
Changes the update rate of the auto-offset.
Default is 10.
Table 44. Auto-Offset Update Rate
Update Mode
Auto-Offset Update Timing
00
Every clamp cycle
01
Every 16 clamp cycles
10
Every 64 camp cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com