Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9985A/PCB Datasheet(PDF) 15 Page - Analog Devices

Part # AD9985A/PCB
Description  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9985A/PCB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9985A/PCB Datasheet HTML 11Page - Analog Devices AD9985A/PCB Datasheet HTML 12Page - Analog Devices AD9985A/PCB Datasheet HTML 13Page - Analog Devices AD9985A/PCB Datasheet HTML 14Page - Analog Devices AD9985A/PCB Datasheet HTML 15Page - Analog Devices AD9985A/PCB Datasheet HTML 16Page - Analog Devices AD9985A/PCB Datasheet HTML 17Page - Analog Devices AD9985A/PCB Datasheet HTML 18Page - Analog Devices AD9985A/PCB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
AD9985A
Rev. 0 | Page 15 of 32
Table 9. Recommended VCO Range and Charge Pump Current Settings for Standard Display Formats
Standard
Modes
Resolution
Refresh
Rate
Horizontal
Frequency
Pixel Rate
PLL Div
AD9985AKSTZ
VCORNGE
Current
AD9985ABSTZ
VCORNGE
Current
VGA
640 × 480
60 Hz
31.5 kHz
25.175 MHz
799
00
110
00
011
72 Hz
37.7 kHz
31.500 MHz
835
00
110
01
010
75 Hz
37.5 kHz
31.500 MHz
841
00
110
01
010
85 Hz
43.3 kHz
36.000 MHz
831
01
100
01
010
SVGA
800 × 600
56 Hz
35.1 kHz
36.000 MHz
1025
01
100
01
010
60 Hz
37.9 kHz
40.000 MHz
1055
01
100
01
011
72 Hz
48.1 kHz
50.000 MHz
1039
01
101
01
100
75 Hz
46.9 kHz
49.500 MHz
1055
01
101
01
100
85 Hz
53.7 kHz
56.250 MHz
1047
01
101
01
101
XGA
1024 × 768
60 Hz
48.4 kHz
65.000 MHz
1343
10
101
10
011
70 Hz
56.5 kHz
75.000 MHz
1327
10
100
10
011
75 Hz
60.0 kHz
78.750 MHz
1313
10
100
10
011
80 Hz
64.0 kHz
85.500 MHz
1335
10
101
10
100
85 Hz
68.3 kHz
94.500 MHz
1383
10
101
10
100
SXGA
1280 × 1024
60 Hz
64.0 kHz
108.000 MHz
1687
10
110
10
101
75 Hz
80.0 kHz
135.000 MHz
1687
11
110
TV Modes
480i
720 × 480
60Hz
15.75 kHz
13.51MHz
857
00
011
00
011
480p
720 × 483
60Hz
31.47 kHz
27.00 MHz
857
00
110
00
011
720p
1280 × 720
60Hz
45.0 kHz
74.25 MHz
1649
10
100
10
011
1080i
1920 × 1080
60Hz
33.75 kHz
74.25 MHz
2199
10
100
10
011
TIMING
The timing diagrams in this section show the operation of the
AD9985A.
The output data clock signal is created so that its rising edge
always occurs between data transitions, and can be used to latch
the output data externally.
The pipeline in the AD9985A must be flushed before valid data
becomes available. This means that four data sets are presented
before valid data is available.
tPER
tCYCLE
tSKEW
DATACK
DATA
HSOUT
Figure 9. Output Timing
Hsync TIMING
Hsync is processed in the AD9985A to eliminate ambiguity in
the timing of the leading edge with respect to the phase-delayed
pixel clock and data.
The Hsync input is used as a reference to generate the pixel
sampling clock. The sampling phase can be adjusted, with
respect to Hsync, through a full 360° in 32 steps via the phase
adjust register (to optimize the pixel sampling time). Display
systems use Hsync to align memory and display write cycles;
therefore, it is important to have a stable timing relationship
between Hsync output (HSOUT) and data clock (DATACK).
Three things happen to Horizontal Sync in the AD9985A. First,
the polarity of Hsync input is determined and thus has a known
output polarity. The known output polarity can be programmed
either active high or active low (Register 0x0E,
Bit 5). Second, HSOUT is aligned with DATACK and data
outputs. Third, the duration of HSOUT (in pixel clocks) is set
via Register 0x07. HSOUT is the sync signal that should be used
to drive the rest of the display system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com