Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9985A/PCB Datasheet(PDF) 20 Page - Analog Devices

Part # AD9985A/PCB
Description  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9985A/PCB Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9985A/PCB Datasheet HTML 16Page - Analog Devices AD9985A/PCB Datasheet HTML 17Page - Analog Devices AD9985A/PCB Datasheet HTML 18Page - Analog Devices AD9985A/PCB Datasheet HTML 19Page - Analog Devices AD9985A/PCB Datasheet HTML 20Page - Analog Devices AD9985A/PCB Datasheet HTML 21Page - Analog Devices AD9985A/PCB Datasheet HTML 22Page - Analog Devices AD9985A/PCB Datasheet HTML 23Page - Analog Devices AD9985A/PCB Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AD9985A
Rev. 0 | Page 20 of 32
The power-up default value of PLLDIV is 1693
(PLLDIVM = 0x69, PLLDIVL = 0xDx). The
AD9985A updates the full divide ratio only when this
register is written to.
CLOCK GENERATOR CONTROL
03
7–6
VCO Range Select
Two bits that establish the operating range of the clock
generator.
VCORNGE must be set to correspond with the
desired operating frequency (incoming pixel rate).
The PLL gives the best jitter performance at high
frequencies. For this reason, to output low pixel rates
and still get good jitter performance, the PLL actually
operates at a higher frequency but then divides down
the clock rate afterwards. Table 11 shows the pixel
rates for each VCO range setting. The PLL output
divisor is automatically selected with the VCO range
setting.
Table 11. VCO Ranges
Pixel Clock Range (MHz)
PV1
PV0
AD9985AKSTZ
AD9985ABSTZ
0
0
12 to 32
12 to 30
0
1
32 to 64 (power-up
default)
30 to 60 (power-up
default)
1
0
64 to 110
60 to 110
1
1
110 to 140
03
5–3
Current Charge Pump Current
Three bits that establish the current driving the loop
filter in the clock generator.
Current must be set to correspond with the desired
operating frequency (incoming pixel rate).
Table 12. Charge Pump Currents
CURRENT
Current (μA)
000
50
001
100 (power-up default)
010
150
011
250
100
350
101
500
110
750
111
1500
04
7–3
Clock Phase Adjust
A 5-bit value that adjusts the sampling phase in 32
steps across one pixel time. Each step represents an
11.25° shift in sampling phase.
The power-up default value is 16.
CLAMP TIMING
05
7–0
Clamp Placement
An 8-bit register that sets the position of the internally
generated clamp.
When clamp function (Register 0x0F, Bit 7) = 0, a
clamp signal is generated internally, at a position
established by the clamp placement and for a duration
set by the clamp duration. Clamping is started (clamp
placement) pixel periods after the trailing edge of
Hsync. The clamp placement can be programmed to
any value between 1 and 255.
The clamp should be placed during a time that the
input signal presents a stable black-level reference,
usually the back porch period between Hsync and the
image.
When clamp function = 1, this register is ignored.
06
7–0
Clamp Duration
An 8-bit register that sets the duration of the
internally generated clamp.
For the best results, the clamp duration should be set
to include the majority of the black reference signal
time that follows the Hsync signal trailing edge.
Insufficient clamping time can produce brightness
changes at the top of the screen, and a slow recovery
from large changes in the average picture level (APL),
or brightness.
When clamp function = 1, this register is ignored.
HSYNC PULSE WIDTH
07
7–0
Hsync Output Pulse Width
An 8-bit register that sets the duration of the Hsync
output pulse.
The leading edge of the Hsync output is triggered by
the internally generated, phase-adjusted PLL feedback
clock. The AD9985A then counts a number of pixel
clocks equal to the value in this register. This triggers
the trailing edge of the Hsync output, which is also
phase adjusted.
INPUT GAIN
08
7–0
Red Channel Gain Adjust (REDGAIN)
An 8-bit word that sets the gain of the red channel.
The AD9985A can accommodate input signals with a
full-scale range of between 0.5 V and 1.0 V p-p.
Setting REDGAIN to 255 corresponds to a 1.0 V input
range. A REDGAIN of 0 establishes a 0.5 V input
range. Increasing REDGAIN results in the picture
having less contrast (the input signal uses fewer of the
available converter codes). See Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com