Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9985A/PCB Datasheet(PDF) 18 Page - Analog Devices

Part # AD9985A/PCB
Description  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9985A/PCB Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9985A/PCB Datasheet HTML 14Page - Analog Devices AD9985A/PCB Datasheet HTML 15Page - Analog Devices AD9985A/PCB Datasheet HTML 16Page - Analog Devices AD9985A/PCB Datasheet HTML 17Page - Analog Devices AD9985A/PCB Datasheet HTML 18Page - Analog Devices AD9985A/PCB Datasheet HTML 19Page - Analog Devices AD9985A/PCB Datasheet HTML 20Page - Analog Devices AD9985A/PCB Datasheet HTML 21Page - Analog Devices AD9985A/PCB Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD9985A
Rev. 0 | Page 18 of 32
Hexadecimal
Address
Write and
Read or
Read-Only
Bits
Default
Value
Register
Name
Function
*1******
Bit 6—Clamp Polarity. Valid only with external clamp signal.
(Logic 0 = active high, Logic 1 selects active low.)
**0*****
Bit 5—Coast Select. Logic 0 selects the COAST input pins to be used
for the PLL coast. Logic 1 selects Vsync to be used for the PLL coast.
***0****
Bit 4—Coast Polarity Override. (Logic 0 = polarity determined by
chip, Logic 1 = polarity set by Bit 3 in Register 0x0F.)
****1***
Bit 3—Coast Polarity. Selects polarity of external Coast signal
(Logic 0 = active low, Logic 1 = active high).
*****1**
Bit 2—Seek Mode Override (Logic 1 = allow low power mode,
Logic 0 = disallow low power mode).
******1*
Bit 1—PWRDN. Full Chip Power-Down, Active Low (Logic 0 = full chip
power-down, Logic 1 = normal).
0x10
R/W
7:3
10111***
Sync-on-Green
Threshold
Sync-on-Green Threshold. Sets the voltage level of the sync-on-
green slicer’s comparator.
*****0**
Bit 2—Red Clamp Select. Logic 0 selects clamp to ground. Logic 1
selects clamp to midscale (voltage at Pin 37).
******0*
Bit 1—Green Clamp Select. Logic 0 selects clamp to ground. Logic 1
selects clamp to midscale (voltage at Pin 37).
*******0
Bit 0— Blue Clamp Select. Logic 0 selects clamp to ground. Logic 1
selects clamp to midscale (voltage at Pin 37).
0x11
R/W
7:0
00100000
Sync Separator
Threshold
Sync Separator Threshold. Sets the number of internal 5 MHz clock
periods the sync separator counts to before toggling high or low.
This should be set to some number greater than the maximum Hsync
or equalization pulse width.
0x12
R/W
7:0
00000000
Pre-Coast
Pre-Coast. Sets the number of Hsync periods that Coast becomes
active prior to Vsync.
0x13
R/W
7:0
00000000
Post-Coast
Post-Coast. Sets the number of Hsync periods that Coast stays active
following Vsync.
0x14
RO
7:0
Sync Detect
Bit 7—Hsync detect. It is set to Logic 1 if Hsync is present on the
analog interface; otherwise it is set to Logic 0.
Bit 6—AHS: Active Hsync. This bit indicates which analog Hsync is
being used (Logic 0 = Hsync input pin, Logic 1 = Hsync from
sync-on-green).
Bit 5—Input Hsync Polarity Detect (Logic 0 = active low,
Logic 1 = active high).
Bit 4—Vsync Detect. It is set to Logic 1 if Vsync is present on the
analog interface; otherwise it is set to Logic 0.
Bit 3—AVS: Active Vsync. This bit indicates which analog Vsync is
being used (Logic 0 = Vsync input pin, Logic 1 = Vsync from
sync separator).
Bit 2—Output Vsync Polarity Detect (Logic 0 = active low,
Logic 1 = active high).
Bit 1—Sync-on-Green Detect. It is set to Logic 1 if sync is present on
the green video input; otherwise it is set to 0.
Bit 0—Input Coast Polarity Detect (Logic 0 = active low,
Logic 1 = active high).
0x15
R/W
7:2
111111**
Reserved
Bits [7:2] Reserved for future use. Must be written to 111111 for
proper operation.
1
******1*
Output
Formats
Bit 1—4:2:2 Output Formatting Mode (Logic 0 = 4:2:2 mode,
Logic 1= 4:4:4 mode).
0
*******1
Reserved
Bit 0—Must be set to 0 for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com