Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9985A/PCB Datasheet(PDF) 16 Page - Analog Devices

Part # AD9985A/PCB
Description  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9985A/PCB Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9985A/PCB Datasheet HTML 12Page - Analog Devices AD9985A/PCB Datasheet HTML 13Page - Analog Devices AD9985A/PCB Datasheet HTML 14Page - Analog Devices AD9985A/PCB Datasheet HTML 15Page - Analog Devices AD9985A/PCB Datasheet HTML 16Page - Analog Devices AD9985A/PCB Datasheet HTML 17Page - Analog Devices AD9985A/PCB Datasheet HTML 18Page - Analog Devices AD9985A/PCB Datasheet HTML 19Page - Analog Devices AD9985A/PCB Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD9985A
Rev. 0 | Page 16 of 32
COAST TIMING
In most computer systems, the Hsync signal is provided
continuously on a dedicated wire. In these systems, the Coast
input and function are unnecessary and should not be used, and
the pin should be permanently connected to the inactive state.
In some systems, however, Hsync is disturbed during the
vertical sync period (Vsync). In some cases, Hsync pulses
disappear. In other systems, such as those that use composite
sync (Csync) signals or embedded sync-on-green (SOG), Hsync
includes equalization pulses or other distortions during Vsync.
To avoid upsetting the clock generator during Vsync, it is
important to ignore these distortions. If the pixel clock PLL
detects extraneous pulses, it attempts to lock to this new
frequency, and changes frequency by the end of the Vsync
period. It then takes a few lines of correct Hsync timing to
recover at the beginning of a new frame, resulting in a tearing of
the image at the top of the display.
The Coast input is provided to eliminate this problem. It is an
asynchronous input that disables the PLL input and allows the
clock to free-run at its then-current frequency. The PLL can
free-run for several lines without significant frequency drift.
.
P0
P1
P2
P3
P4
P5
P6
P7
5-PIPE DELAY
D0
D1
D2
D3
D4
D5
D6
D7
RGBIN
HSYNC
PxCK
HS
ADCCK
DATACK
DOUTA
HSOUT
VARIABLE DURATION
Figure 10. 4:4:4 Mode (For RGB and YUV)
P0
P1
P2
P3
P4
P5
P6
P7
5-PIPE DELAY
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
RGBIN
HSYNC
PxCK
HS
ADCCK
DATACK
GOUTA
HSOUT
U0
V1
U2
V3
U4
V5
U6
V7
ROUTA
VARIABLE DURATION
Figure 11. 4:2:2 Mode (For YUV Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com