Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9985A/PCB Datasheet(PDF) 19 Page - Analog Devices

Part # AD9985A/PCB
Description  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9985A/PCB Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9985A/PCB Datasheet HTML 15Page - Analog Devices AD9985A/PCB Datasheet HTML 16Page - Analog Devices AD9985A/PCB Datasheet HTML 17Page - Analog Devices AD9985A/PCB Datasheet HTML 18Page - Analog Devices AD9985A/PCB Datasheet HTML 19Page - Analog Devices AD9985A/PCB Datasheet HTML 20Page - Analog Devices AD9985A/PCB Datasheet HTML 21Page - Analog Devices AD9985A/PCB Datasheet HTML 22Page - Analog Devices AD9985A/PCB Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AD9985A
Rev. 0 | Page 19 of 32
Hexadecimal
Address
Write and
Read or
Read-Only
Bits
Default
Value
Register
Name
Function
0x16
R/W
7
0*******
Extra PLL
Divider
Bit 7—Extra PLL Divider. (Logic 0 = off, Logic 1 = extra divide-by-2).
6:5
*00*****
SOGIN
Bandwidth
Control
Bits [6:5]—SOGIN Bandwidth Control; 00 = 300 MHz;
01 or 10 = 13 MHz; 11 = 6.5 MHz.
4
***0****
Analog Input
Bandwidth
Control
Bit 4—Sets the bandwdith of the red, green and blue analog inputs.
(Logic 0 = 300 MHz, Logic 1 = 7 MHz).
3:0
****0000
Reserved
Reserved.
0x17
RO
7:0
Test Register
Reserved.
0x18
RO
7:0
Test Register
Reserved.
0x19
R/W
7:0
00000100
Red Target
Code
Target Code for Auto-Offset Operation.
0x1A
R/W
7:0
00000100
Green Target
Code
Target Code for Auto-Offset Operation.
0x1B
R/W
7:0
00000100
Blue Target
Code
Target Code for Auto-Offset Operation.
0x1C
R/W
7:0
00010001
Reserved
Must be written to 0x11 for proper operation.
0x1D
R/W
7
0*******
Auto Offset
Enable
Enables the auto-offset circuitry.
6
*0******
Hold Auto
Offset
Holds the offset output of the auto-offset at the current value.
5:2
**1001**
Reserved
Must be written to 9 for proper operation.
1:0
******10
Update Mode
Changes the update rate of the auto-offset.
0x1E
R/W
7:0
0000****
Test Register
Must be set to default value.
1 The AD9985A only updates the PLL divide ratio when the LSBs are written to (Register 0x02).
2-WIRE SERIAL CONTROL REGISTER DETAIL CHIP
IDENTIFICATION
00
7–0
Chip Revision
An 8-bit register that represents the silicon revision.
PLL DIVIDER CONTROL
01
7–0
PLL Divide Ratio MSBs
The 8 most significant bits of the 12-bit PLL divide
ratio PLLDIV. (The operational divide ratio is
PLLDIV + 1.)
The PLL derives a master clock from an incoming
Hsync signal. The master clock frequency is then
divided by an integer value, such that the output is
phase-locked to Hsync. This PLLDIV value
determines the number of pixel times (pixels plus
horizontal blanking overhead) per line. This is
typically 20% to 30% more than the number of active
pixels in the display.
The 12-bit value of the PLL divider supports divide
ratios from 2 to 4095. The higher the value loaded in
this register, the higher the resulting clock frequency
with respect to a fixed Hsync frequency.
VESA has established some standard timing
specifications that assist in determining the value for
PLLDIV as a function of horizontal and vertical
display resolution and frame rate (Table 8).
However, many computer systems do not conform
precisely to the recommendations, and these numbers
should be used only as a guide. The display system
manufacturer should provide automatic or manual
means for optimizing PLLDIV. An incorrectly set
PLLDIV usually produces one or more vertical noise
bars on the display. The greater the error, the greater
the number of bars produced.
The power-up default value of PLLDIV is 1693
(PLLDIVM = 0x69, PLLDIVL = 0xDx).
The AD9985A updates the full-divide ratio only when
the LSBs are changed. Writing to the MSB by itself
does not trigger an update.
02
7–4
PLL Divide Ratio LSBs
The 4 least significant bits of the 12-bit PLL divide
ratio PLLDIV. The operational divide ratio is
PLLDIV + 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com