Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9985A/PCB Datasheet(PDF) 14 Page - Analog Devices

Part # AD9985A/PCB
Description  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9985A/PCB Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9985A/PCB Datasheet HTML 10Page - Analog Devices AD9985A/PCB Datasheet HTML 11Page - Analog Devices AD9985A/PCB Datasheet HTML 12Page - Analog Devices AD9985A/PCB Datasheet HTML 13Page - Analog Devices AD9985A/PCB Datasheet HTML 14Page - Analog Devices AD9985A/PCB Datasheet HTML 15Page - Analog Devices AD9985A/PCB Datasheet HTML 16Page - Analog Devices AD9985A/PCB Datasheet HTML 17Page - Analog Devices AD9985A/PCB Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD9985A
Rev. 0 | Page 14 of 32
FREQUENCY (MHz)
14
12
0
0
10
8
6
4
2
10 20 30 40 50 60 70 80 90 100 110 120 130 140 150
Figure 7. Pixel Clock Jitter vs. Frequency
The PLL characteristics are determined by the loop filter design,
the PLL charge pump current, and the VCO range setting. The
loop filter design is shown in Figure 8. Recommended settings
of VCO range and charge pump current for VESA standard
display modes are listed in Table 9.
CP
0.0082
μF
CZ
0.082
μF
RZ
2.7k
Ω
FILT
PVD
Figure 8. PLL Loop Filter Detail
Four programmable registers are provided to optimize the
performance of the PLL.
12-Bit Divisor Register
The input Hsync frequencies range from 15 kHz to 110 kHz.
The PLL multiplies the frequency of the Hsync signal,
producing pixel clock frequencies in the range of 12 MHz to
110 MHz. The divisor register controls the exact multiplication
factor. This register can be set to any value between 221 and
4095. (The divide ratio that is actually used is the programmed
divide ratio plus 1.)
2-Bit VCO Range Register
To improve the noise performance of the AD9985A, the VCO
operating frequency range is divided into three overlapping
regions. The VCO range register sets this operating range.
Table 6 shows the frequency ranges for the lowest and highest
regions.
Table 6. VCO Frequency Ranges
Pixel Clock Range (MHz)
PV1
PV0
AD9985AKSTZ
AD9985ABSTZ
0
0
12 to 32
12 to 30
0
1
32 to 64
30 to 60
1
0
64 to 110
60 to 110
1
1
110 to 140
3-Bit Charge Pump Current Register
This register allows the current that drives the low-pass loop filter
to be varied. The possible current values are listed in Table 7.
Table 7. Charge Pump Current/Control Bits
Ip2
Ip1
Ip0
Current (μA)
0
0
0
50
0
0
1
100
0
1
0
150
0
1
1
250
1
0
0
350
1
0
1
500
1
1
0
750
1
1
1
1500
5-Bit Phase Adjust Register
The phase of the generated sampling clock can be shifted to
locate an optimum sampling point within a clock cycle. The
phase adjust register provides 32 phase-shift steps of 11.25°
each. The Hsync signal with an identical phase shift is available
through the HSOUT pin.
The COAST pin is used to allow the PLL to continue to run at
the same frequency in the absence of the incoming Hsync signal
or during disturbances in Hsync (such as equalization pulses).
This can be used during the vertical sync period, or any other
time that the Hsync signal is unavailable. The polarity of the
Coast signal is set through the Coast polarity register. Also, the
polarity of the Hsync signal is set through the Hsync polarity
register. If not using automatic polarity detection, the Hsync
and Coast polarity bits should be set to match the respective
polarities of the input signals.
POWER MANAGEMENT
The AD9985A uses the activity detect circuits, the active
interface bits in the serial bus, the active interface override bits,
and the power-down bit to determine the correct power state.
The three power states are full-power, seek mode, and power-
down. Table 8 summarizes how the AD9985A determines
which power mode to be in and which circuitry is powered
on/off in each of these modes. The power-down command has
priority over the automatic circuitry.
Table 8. Power-Down Mode Descriptions
Mode
Inputs
Power-Down1
Sync
Detect2
Powered On or
Comments
Full-
Power
1
1
Everything
Seek
Mode
1
0
Serial Bus, Sync Activity
Detect, SOG, Band Gap
Reference
Power-
Down
0
X
Serial Bus, Sync Activity
Detect, SOG, Band Gap
Reference
1 Power-down is controlled via Bit 1 in Serial Bus Register 0x0F.
2 Sync detect is determined by OR’ing Bits 7, 4, and 1 in Serial Bus Register 0x14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com