Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9985A/PCB Datasheet(PDF) 11 Page - Analog Devices

Part # AD9985A/PCB
Description  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9985A/PCB Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9985A/PCB Datasheet HTML 7Page - Analog Devices AD9985A/PCB Datasheet HTML 8Page - Analog Devices AD9985A/PCB Datasheet HTML 9Page - Analog Devices AD9985A/PCB Datasheet HTML 10Page - Analog Devices AD9985A/PCB Datasheet HTML 11Page - Analog Devices AD9985A/PCB Datasheet HTML 12Page - Analog Devices AD9985A/PCB Datasheet HTML 13Page - Analog Devices AD9985A/PCB Datasheet HTML 14Page - Analog Devices AD9985A/PCB Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD9985A
Rev. 0 | Page 11 of 32
DESIGN GUIDE
GENERAL DESCRIPTION
The AD9985A is a fully integrated solution for capturing analog
RGB signals and digitizing them for display on flat panel moni-
tors or projectors. The circuit is ideal for providing a computer
interface for HDTV monitors or as the front end to high
performance video scan converters. Implemented in a high
performance CMOS process, the interface can capture signals
with pixel rates up to 110 MHz.
The AD9985A includes all necessary input buffering, signal dc
restoration (clamping), offset and gain (brightness and contrast)
adjustment, pixel clock generation, sampling phase control, and
output data formatting. All controls are programmable via a
2-wire serial interface. Full integration of these sensitive analog
functions makes system design straightforward and less
sensitive to the physical and electrical environment.
With a typical power dissipation of only 500 mW and an
operating temperature range of 0°C to 70°C (−40°C to +85°C
for the AD9985ABST), the device requires no special
environmental considerations.
DIGITAL INPUTS
All digital inputs on the AD9985A operate to 3.3 V CMOS
levels. However, all digital inputs are 5 V tolerant. Applying 5 V
to them does not cause any damage.
INPUT SIGNAL HANDLING
The AD9985A has one high impedance analog input pin for
each of the red, green, and blue channels. They accommodate
signals ranging from 0.5 V to 1.0 V p-p.
Signals are typically brought onto the interface board via a
DVI-I connector, a 15-pin D connector, or via BNC connectors.
The AD9985A should be located as close as practical to the
input connector. Signals should be routed via matched-
impedance traces (normally 75 Ω) to the IC input pins.
At this point, the signal should be resistively terminated (75 Ω
to the signal ground return) and capacitively coupled to the
AD9985A inputs through 47 nF capacitors. These capacitors
form part of the dc restoration circuit.
When impedances are perfectly matched, the best performance
can be obtained with the widest possible signal bandwidth. The
ultrawide bandwidth inputs of the AD9985A (300 MHz) can
track the input signal continuously as it moves from one pixel
level to the next, and digitize the pixel during a long, flat pixel
time. In many systems, however, there are mismatches,
reflections, and noise, which can result in excessive ringing and
distortion of the input waveform. This makes it more difficult
to establish a sampling phase that provides good image quality.
It has been shown that a small inductor in series with the input
is effective in rolling off the input bandwidth slightly and
providing a high quality signal over a wider range of conditions.
Using a Fair-Rite #2508051217Z0 High Speed Signal Chip Bead
inductor in the circuit of Figure 3 yields good results in most
applications.
RGB
INPUT
RIN
GIN
BIN
47nF
75
Ω
Figure 3. Analog Input Interface Circuit
HSYNC, VSYNC INPUTS
The interface also takes a horizontal sync signal, which is used
to generate the pixel clock and clamp timing. This can be either
a sync signal directly from the graphics source, or a preproc-
essed TTL or CMOS level signal.
The Hsync input includes a Schmitt trigger buffer for immunity
to noise and signals with long rise times. In typical PC-based
graphic systems, the sync signals are simply TTL-level drivers
feeding unshielded wires in the monitor cable. As such, no
termination is required.
SERIAL CONTROL PORT
The serial control port is designed for 3.3 V logic. If there are
5 V drivers on the bus, these pins should be protected with
150 Ω series resistors placed between the pull-up resistors and
the input pins.
OUTPUT SIGNAL HANDLING
The digital outputs are designed and specified to operate from a
3.3 V power supply (VDD). They can also work with a VDD as low
as 2.5 V for compatibility with other 2.5 V logic.
CLAMPING
RGB Clamping
To properly digitize the incoming signal, the dc offset of the
input must be adjusted to fit the range of the on-board ADCs.
Most graphics systems produce RGB signals with black at
ground and white at approximately 0.75 V. However, if sync
signals are embedded in the graphics, the sync tip is often at
ground, black is at 300 mV, and white is at approximately 1.0 V.
Some common RGB line amplifier boxes use emitter-follower
buffers to split signals and increase drive capability. This
introduces a 700 mV dc offset to the signal, which must be
removed for proper capture by the AD9985A.
The key to clamping is to identify a portion (time) of the signal
when the graphic system is known to be producing black. An
offset is then introduced that results in the ADCs producing a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com