Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWIXP420BBT Datasheet(PDF) 82 Page - Intel Corporation

Part # GWIXP420BBT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP420BBT Datasheet(HTML) 82 Page - Intel Corporation

Back Button GWIXP420BBT Datasheet HTML 78Page - Intel Corporation GWIXP420BBT Datasheet HTML 79Page - Intel Corporation GWIXP420BBT Datasheet HTML 80Page - Intel Corporation GWIXP420BBT Datasheet HTML 81Page - Intel Corporation GWIXP420BBT Datasheet HTML 82Page - Intel Corporation GWIXP420BBT Datasheet HTML 83Page - Intel Corporation GWIXP420BBT Datasheet HTML 84Page - Intel Corporation GWIXP420BBT Datasheet HTML 85Page - Intel Corporation GWIXP420BBT Datasheet HTML 86Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
82
Document Number: 252479, Revision: 005
5.0
Electrical Specifications
5.1
Absolute Maximum Ratings
Warning:
Stressing the device beyond the “absolute maximum ratings” may cause permanent damage. These
are stress ratings only. Operation beyond the “operating conditions” is not recommended and
extended exposure beyond the “operating conditions” may affect device reliability.
5.2
VCCPLL1, VCCPLL2, VCCOSCP, VCCOSC Pin Requirements
To reduce voltage-supply noise on the analog sections of the Intel® IXP42X Product Line of
Network Processors and IXC1100 Control Plane Processor, the phase-lock loop circuits (VCCPLL1,
VCCPLL2) and oscillator circuit (VCCOSCP, VCCOSC) require isolated voltage supplies.
The filter circuits for each supply are shown in the following sections.
5.2.1
VCCPLL1 Requirement
A parallel combination of a 10-nF capacitor — for bypass — and a 200-nF capacitor — for a first-
order filter with a cut-off frequency below 30 MHz — must be connected to the VCCPLL1 pin of the
Intel® IXP42X product line and IXC1100 control plane processors.
The ground of both capacitors should be connected to the nearest VSS supply pin. Both capacitors
should be located less than 0.5 inch away from the VCCPLL1 pin and the associated VSS pin. In
order to achieve the 200-nF capacitance, a parallel combination of two 100-nF capacitors may be
used as long as the capacitors are placed directly beside each other.
Parameter
Maximum Rating
Ambient Air Temperature (Extended)
-40º C to 85º C
Ambient Air Temperature (Commercial)
0º C to 70º C
Supply Voltage Core
-0.3 V to 2.1V
Supply Voltage I/O
-0.3 V to 3.6V
Supply Voltage Oscillator (VCCOSC)
-0.3 V to 2.1V
Supply Voltage Oscillator (VCCOSCP)
-0.3 V to 3.6V
Supply Voltage PLL (VCCPLL1)
-0.3 V to 2.1V
Supply Voltage PLL (VCCPLL2)
-0.3 V to 2.1V
Voltage On Any I/O Ball
-0.3 V to 3.6V
Storage Temperature
-55o C to 125o C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com