Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWIXP420BBT Datasheet(PDF) 86 Page - Intel Corporation

Part # GWIXP420BBT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP420BBT Datasheet(HTML) 86 Page - Intel Corporation

Back Button GWIXP420BBT Datasheet HTML 82Page - Intel Corporation GWIXP420BBT Datasheet HTML 83Page - Intel Corporation GWIXP420BBT Datasheet HTML 84Page - Intel Corporation GWIXP420BBT Datasheet HTML 85Page - Intel Corporation GWIXP420BBT Datasheet HTML 86Page - Intel Corporation GWIXP420BBT Datasheet HTML 87Page - Intel Corporation GWIXP420BBT Datasheet HTML 88Page - Intel Corporation GWIXP420BBT Datasheet HTML 89Page - Intel Corporation GWIXP420BBT Datasheet HTML 90Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
86
Document Number: 252479, Revision: 005
5.4.2
PCI DC Parameters
5.4.3
USB DC Parameters
Table 26.
PCI DC Parameters
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Notes
VIH
Input-high voltage
0.5 VCCP
V
4
VIL
Input-low voltage
0.3 VCCP
V
3
VOH
Output-high voltage
IOUT = -500 µA
0.9 VCCP
V
3
VOL
Output-low voltage
IOUT = 1500 µA
0.1 VCCP
V
3
IIL
Input-leakage current
0 < VIN < VCCP
-10
10
µA
1, 3
CIN
Input-pin capacitance
5
pF
2, 3
COUT
I/O or output pin
capacitance
5pF
2, 3
CIDSEL
IDSEL-pin capacitance
5
pF
2, 3
LPIN
Pin inductance
20
nH
2, 3
Notes:
1.
Input leakage currents include hi-Z output leakage for all bidirectional buffers with tri-state outputs.
2.
These values are typical values seen by the manufacturing process and are not tested.
3.
For additional information, see the PCI Local Bus Specification, Rev. 2.2.
4.
Please refer to the product specification update.
Table 27.
USB v1.1 DC Parameters
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Notes
VIH
Input-high voltage
2.0
V
1
VIL
Input-low voltage
0.8
V
VOH
Output-high voltage
IOUT =
-6.1 * VOHmA
2.8
V
VOL
Output-low voltage
IOUT =
6.1 * VOHmA
0.3
V
IIL
Input-leakage current
0 < VIN < VCCP
-10
10
µA
CIN
Input-pin capacitance
5
pF
2
Notes:
1.
Please refer to the product specification update.
2.
These values are typical values seen by the manufacturing process and are not tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com