Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWIXP420BBT Datasheet(PDF) 47 Page - Intel Corporation

Part # GWIXP420BBT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP420BBT Datasheet(HTML) 47 Page - Intel Corporation

Back Button GWIXP420BBT Datasheet HTML 43Page - Intel Corporation GWIXP420BBT Datasheet HTML 44Page - Intel Corporation GWIXP420BBT Datasheet HTML 45Page - Intel Corporation GWIXP420BBT Datasheet HTML 46Page - Intel Corporation GWIXP420BBT Datasheet HTML 47Page - Intel Corporation GWIXP420BBT Datasheet HTML 48Page - Intel Corporation GWIXP420BBT Datasheet HTML 49Page - Intel Corporation GWIXP420BBT Datasheet HTML 50Page - Intel Corporation GWIXP420BBT Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Datasheet
March 2005
Document Number: 252479, Revision: 005
47
GPIO[13]
Z
Z
I/O
General purpose input/output pins. May be configured as an input
or an output. Default after reset is to be configured as inputs.
Should be pulled low using a 10-K
Ω resistor when not being utilized
in the system.
GPIO[14]
Z
Z
I/O
Can be configured similar to GPIO Pin 13 or as a clock output.
Configuration as an output clock can be set at various speeds of up
to 33.33 MHz with various duty cycles. Configured as an input,
upon reset.
Should be pulled low though a 10-K
Ω resistor when not being
utilized in the system.
GPIO[15]
Z
CLKOU
T/VO
I/O
Can be configured similar to GPIO Pin 13 or as a clock output.
Configuration as an output clock can be set at various speeds of up
to 33.33 MHz with various duty cycles. Configured as an output,
upon reset. Can be used to clock the expansion interface, after
reset.
Should be pulled low though a 10-K
Ω resistor when not being
utilized in the system.
Table 17.
JTAG Interface
Name
Power
On
Reset1
Reset2
Type†
Description
JTG_TMS
H
VI/PE
I
Test mode select for the IEEE 1149.1 JTAG interface.
JTG_TDI
H
VI/PE
I
Input data for the IEEE 1149.1 JTAG interface.
JTG_TDO
Z
VO
O
Output data for the IEEE 1149.1 JTAG interface.
JTG_TRST_N
H
VI/PE
I
Used to reset the IEEE 1149.1 JTAG interface.
The JTG_TRST_N signal must be asserted (driven low) during
power-up, otherwise the TAP controller may not be initialized
properly, and the processor may be locked.
When the JTAG interface is not being used, the signal must be
pulled low using a 10-K
Ω resistor.
JTG_TCK
Z
VI
I
Used as the clock for the IEEE 1149.1 JTAG interface.
1.
While PWRON_RESET_N is deasserted use Power On Reset column for the pin state.
2.
After deassertion of PWRON_RESET_N, and deassertion of RESET_IN_N, and assertion of
PLL_LOCK, all signals reflect the value shown in the RESET column.
†
For a legend of the Type codes, see Table 5 on page 33.
Table 16.
GPIO Interface (Sheet 2 of 2)
Name
Power
On
Reset1
Reset2
Type†
Description
1.
While PWRON_RESET_N is deasserted use Power On Reset column for the pin state.
2.
After deassertion of PWRON_RESET_N, and deassertion of RESET_IN_N, and assertion of
PLL_LOCK, all signals reflect the value shown in the RESET column.
†
For a legend of the Type codes, see Table 5 on page 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com