Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWIXP420BBT Datasheet(PDF) 88 Page - Intel Corporation

Part # GWIXP420BBT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP420BBT Datasheet(HTML) 88 Page - Intel Corporation

Back Button GWIXP420BBT Datasheet HTML 84Page - Intel Corporation GWIXP420BBT Datasheet HTML 85Page - Intel Corporation GWIXP420BBT Datasheet HTML 86Page - Intel Corporation GWIXP420BBT Datasheet HTML 87Page - Intel Corporation GWIXP420BBT Datasheet HTML 88Page - Intel Corporation GWIXP420BBT Datasheet HTML 89Page - Intel Corporation GWIXP420BBT Datasheet HTML 90Page - Intel Corporation GWIXP420BBT Datasheet HTML 91Page - Intel Corporation GWIXP420BBT Datasheet HTML 92Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
88
Document Number: 252479, Revision: 005
5.4.6
MDIO DC Parameters
5.4.7
SDRAM Bus DC Parameters
5.4.8
Expansion Bus DC Parameters
Table 30.
MDIO DC Parameters
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Notes
VIH
Input-high voltage
2.0
V
VIL
Input-low voltage
0.8
V
VOH
Output-high voltage
IOUT = -4 mA
2.4
V
VOL
Output-low voltage
IOUT = 4 mA
0.4
V
IIL
Input-leakage current
0 < VIN < VCCP
-10
10
µA
CIN
Input-pin capacitance
5
pF
1
CINMDIO
Input-pin capacitance
5
pF
1
Note:
1.
These values are typical values seen by the manufacturing process and are not tested.
Table 31.
SDRAM Bus DC Parameters
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Notes
VIH
Input-high voltage
2.0
V
1
VIL
Input-low voltage
0.8
V
2
VOH
Output-high voltage
IOUT = -4 mA
2.4
V
VOL
Output-low voltage
IOUT = 4 mA
0.4
V
IIL
Input-leakage current
0 < VIN < VCCP
-5
5
µA
IOL
Output-leakage
current
0 < VIN < VCCP
-5
5
µA
CINCLK
Input-pin capacitance
4
pF
3
CIO
I/O-pin capacitance
5
pF
3
Notes:
1.
VIH overshoot: VIH (MAX) = VCCP + 2 V for a pulse width < 3 ns, and the pulse width cannot be greater
than one third of the cycle rate.
2.
VIL undershoot: VIL (MIN) = -2 V for a pulse width < 3 ns cannot be exceeded.
3.
These values are typical values seen by the manufacturing process and are not tested.
Table 32.
Expansion Bus DC Parameters (Sheet 1 of 2)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Notes
VIH
Input-high voltage
2.0
V
VIL
Input-low voltage
0.8
V
VOH
Output-high voltage
IOUT = -4 mA
2.4
V
1
Notes:
1.
Test conditions were a 70 pF load to ground.
2.
These values are typical values seen by the manufacturing process and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com