Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWIXP420BBT Datasheet(PDF) 98 Page - Intel Corporation

Part # GWIXP420BBT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP420BBT Datasheet(HTML) 98 Page - Intel Corporation

Back Button GWIXP420BBT Datasheet HTML 94Page - Intel Corporation GWIXP420BBT Datasheet HTML 95Page - Intel Corporation GWIXP420BBT Datasheet HTML 96Page - Intel Corporation GWIXP420BBT Datasheet HTML 97Page - Intel Corporation GWIXP420BBT Datasheet HTML 98Page - Intel Corporation GWIXP420BBT Datasheet HTML 99Page - Intel Corporation GWIXP420BBT Datasheet HTML 100Page - Intel Corporation GWIXP420BBT Datasheet HTML 101Page - Intel Corporation GWIXP420BBT Datasheet HTML 102Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
98
Document Number: 252479, Revision: 005
5.5.2.4
MII
Figure 20.
MII Output Timings
Table 48.
MII Output Timings Values
Symbol
Parameter
Min.
Max.
Units
Notes
T1
Clock to output delay for ETH_TXDATA and
ETH_TXEN.
017
ns
1
T2
ETH_TXDATA and ETH_TXEN hold time after
ETH_TXCLK.
2
ns
Note:
1.
These values satisfy the MII specification requirement of 0 ns to 25 ns clock to output delay.
Figure 21.
MII Input Timings
Table 49.
MII Input Timings Values
Symbol
Parameter
Min.
Max.
Units
Notes
T3
ETH_RXDATA and ETH_RXDV setup time prior
to rising edge of ETH_RXCLK
5.5
ns
1, 2
T4
ETH_RXDATA and ETH_RXDV hold time after
the rising edge of ETH_RXCLK
0
ns
1, 2, 3
Notes:
1.
These values satisfy the MII specification requirement of 10-ns setup and hold time.
2.
Timing tests were performed with a 70-pF capacitor to ground.
3.
This parameter has been simulated but has not been fully tested.
A9580-01
eth_tx_clk
eth_tx_data[7:0]
eth_tx_en
eth_crs
T1
T2
A9581-01
eth_rx_clk
eth_rx_data[7:0]
eth_rx_dv
eth_crs
T4
T3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com