Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWIXP420BBT Datasheet(PDF) 94 Page - Intel Corporation

Part # GWIXP420BBT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP420BBT Datasheet(HTML) 94 Page - Intel Corporation

Back Button GWIXP420BBT Datasheet HTML 90Page - Intel Corporation GWIXP420BBT Datasheet HTML 91Page - Intel Corporation GWIXP420BBT Datasheet HTML 92Page - Intel Corporation GWIXP420BBT Datasheet HTML 93Page - Intel Corporation GWIXP420BBT Datasheet HTML 94Page - Intel Corporation GWIXP420BBT Datasheet HTML 95Page - Intel Corporation GWIXP420BBT Datasheet HTML 96Page - Intel Corporation GWIXP420BBT Datasheet HTML 97Page - Intel Corporation GWIXP420BBT Datasheet HTML 98Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
94
Document Number: 252479, Revision: 005
5.5.1.2
PCI Clock Timings
5.5.1.3
MII Clock Timings
5.5.1.4
UTOPIA-2 Clock Timings
5.5.1.5
Expansion Bus Clock Timings
Table 41.
PCI Clock Timings
Symbol
Parameter
33 MHz
66 MHz
Units
Notes
Min.
Max.
Min.
Max.
TPERIODPCICLK
Clock period for PCI Clock
30
15
ns
TCLKHIGH
PCI Clock high time
11
6
ns
TCLKLOW
PCI Clock low time
11
6
ns
TRISE/FALL
Rise and fall time
requirements for PCI Clock
22
ns
Table 42.
MII Clock Timings
Symbol
Parameter
Min.
Nom.
Max.
Units
Notes
Tperiod100Mbit
Clock period for Tx and Rx Ethernet
clocks
25
25
MHz
Tperiod10Mbit
Clock period for Tx and Rx Ethernet
clocks
2.5
2.5
MHz
Tduty
Duty cycle for Tx and Rx Ethernet
clocks
35
50
65
%
Trise/fall
Rise and fall time requirements for
Tx and Rx Ethernet clocks
2ns
Table 43.
UTOPIA-2 Clock Timings
Symbol
Parameter
Min.
Nom.
Max.
Units
Notes
Tperiod
Clock period for Tx and Rx UTOPIA-2
clocks
33
MHz
1
Tduty
Duty cycle for Tx and Rx UTOPIA-2 clocks
40
50
60
%
1
Trise/fall
Rise and fall time requirements for Tx and
Rx UTOPIA-2 clocks
2ns
1
Note:
1.
The UTOPIA interface can operate at a minimum frequency greater than 0 Hz.
Table 44.
Expansion Bus Clock Timings
Symbol
Parameter
Min.
Nom.
Max.
Units
Notes
Tperiod
Clock period for expansion-bus clock
66
MHz
Tduty
Duty cycle for expansion-bus clock
40
50
60
%
Trise/fall
Rise and fall time requirements for
expansion-bus clock
2ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com