Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWIXP420BBT Datasheet(PDF) 100 Page - Intel Corporation

Part # GWIXP420BBT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP420BBT Datasheet(HTML) 100 Page - Intel Corporation

Back Button GWIXP420BBT Datasheet HTML 96Page - Intel Corporation GWIXP420BBT Datasheet HTML 97Page - Intel Corporation GWIXP420BBT Datasheet HTML 98Page - Intel Corporation GWIXP420BBT Datasheet HTML 99Page - Intel Corporation GWIXP420BBT Datasheet HTML 100Page - Intel Corporation GWIXP420BBT Datasheet HTML 101Page - Intel Corporation GWIXP420BBT Datasheet HTML 102Page - Intel Corporation GWIXP420BBT Datasheet HTML 103Page - Intel Corporation GWIXP420BBT Datasheet HTML 104Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
100
Document Number: 252479, Revision: 005
5.5.2.6
SDRAM Bus
Figure 24.
SDRAM Input Timings
Table 51.
SDRAM Input Timings Values
Symbol
Parameter
Min.
Max.
Units
Notes
Tsetup
Input setup prior to rising edge of clock. Inputs
included in this timing are SDM_DQ[31:0] (during
a read operation).
1.4
ns
Thold
Input hold time after the rising edge of the clock.
Inputs included in this timing are SDM_DQ[31:0]
(during a read operation).
1.5
ns
Figure 25.
SDRAM Output Timings
Table 52.
SDRAM Output Timings Values
Symbol
Parameter
Min.
Max.
Units
Notes
Tclk2out
Rising edge of clock-to-signal output. Outputs
included in this timing are SDM_ADDR[12:0],
SDM_BA[1:0], SDM_DQM[3:0], SDM_CKE,
SDM_WE_N, SDM_CS_N[1:0], SDM_CAS_N,
SDM_RAS_N, SDM_DQ[31:0] (during a write
operation).
5.5
ns
1
Tholdout
Signal output hold time after the rising edge of
the clock. Outputs included in this timing are
SDM_DQ[31:0] (during a write operation).
1.5
ns
1
Note:
1.
Timing test were performed with a 70-pF load to ground.
B4891-01
Tsetup
Thold
Clock
Signals
A9584-01
Tclk2out
Tholdout
Data Valid
Clock
Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com