Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWIXP420BBT Datasheet(PDF) 101 Page - Intel Corporation

Part # GWIXP420BBT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP420BBT Datasheet(HTML) 101 Page - Intel Corporation

Back Button GWIXP420BBT Datasheet HTML 97Page - Intel Corporation GWIXP420BBT Datasheet HTML 98Page - Intel Corporation GWIXP420BBT Datasheet HTML 99Page - Intel Corporation GWIXP420BBT Datasheet HTML 100Page - Intel Corporation GWIXP420BBT Datasheet HTML 101Page - Intel Corporation GWIXP420BBT Datasheet HTML 102Page - Intel Corporation GWIXP420BBT Datasheet HTML 103Page - Intel Corporation GWIXP420BBT Datasheet HTML 104Page - Intel Corporation GWIXP420BBT Datasheet HTML 105Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Datasheet
March 2005
Document Number: 252479, Revision: 005
101
5.5.2.7
Expansion Bus
Figure 26.
Signal Timing With Respect to Clock Rising Edge
Table 53.
Signal Timing With Respect to Clock Rising Edge
Symbol
Description
Min.
Max.
Units
Notes
Tov
Control signal and data output valid after clock rising
edge
15
ns
Tsetup
Input Setup time with respect to clock rising edge.
3
ns
1
Thold
Input Hold time with respect to clock rising edge.
2
ns
1
Note:
1.
The Setup and Hold Timing Values are for all modes.
B4870-002
EX_CLK
EX_CS_N[0]
EX_ADDR[23:0]
EX_RD_N
EX_DATA[15:0]
Valid Address
Tsetup
Thold
1-4 Cycles
1-4 Cycles
1-16 Cycles
1-4 Cycles
1-16 Cycles
T1
T2
T3
T4
T5
EX_IOWAIT_N
EX_WR_N
EX_DATA[15:0]
Data Out
Data In
TOV
TOV
TOV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com