Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWIXP420BBT Datasheet(PDF) 50 Page - Intel Corporation

Part # GWIXP420BBT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP420BBT Datasheet(HTML) 50 Page - Intel Corporation

Back Button GWIXP420BBT Datasheet HTML 46Page - Intel Corporation GWIXP420BBT Datasheet HTML 47Page - Intel Corporation GWIXP420BBT Datasheet HTML 48Page - Intel Corporation GWIXP420BBT Datasheet HTML 49Page - Intel Corporation GWIXP420BBT Datasheet HTML 50Page - Intel Corporation GWIXP420BBT Datasheet HTML 51Page - Intel Corporation GWIXP420BBT Datasheet HTML 52Page - Intel Corporation GWIXP420BBT Datasheet HTML 53Page - Intel Corporation GWIXP420BBT Datasheet HTML 54Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
50
Document Number: 252479, Revision: 005
4.0
Package and Pinout Information
The Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
have a 492-ball, plastic ball grid array (PBGA) package for commercial-temperature applications
and a pin-for-pin, compatible 492-ball, plastic ball grid array with a drop-in heat spreader (H) for
extended-temperature applications.
4.1
Package Description
Figure 7.
492-Pin Lead PBGA Package
1.
All measurements are in millimeters (mm).
2.
The size of the land pad at the interposer side (1) is 0.81 mm.
3.
The size of the solder resist at the interposer side (2) is 0.66 mm.
B1268-03
0.60 ± 0.10
Seating Plane
30º
3
1.17 ± 0.05
2.38 ± 0.21
0.61 ± 0.06
0.15
C
0.20
-C-
SIDE VIEW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
AA
Y
W
U
T
23
22
21
20
19
18
17
16
24
25
26
V
AB
AC
AD
AE
AF
Pin #1
Corner
1.27
1.63 REF
1.27
A
C
ø 0.30
B S
ø1.0
3 Places
2
+ +
1.63 REF
0.90
0.60
ø
S
S
+
+
+
22.00 REF
22.00 REF
35.00 ± 0.20
35.00 ± 0.20
30.00 ± 0.25
Pin 1 ID
30.00 ± 0.25
45º Chamfer
4 Places
0.127 A
-B-
-A-
TOP VIEW
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com