Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWIXP420BBT Datasheet(PDF) 14 Page - Intel Corporation

Part # GWIXP420BBT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP420BBT Datasheet(HTML) 14 Page - Intel Corporation

Back Button GWIXP420BBT Datasheet HTML 10Page - Intel Corporation GWIXP420BBT Datasheet HTML 11Page - Intel Corporation GWIXP420BBT Datasheet HTML 12Page - Intel Corporation GWIXP420BBT Datasheet HTML 13Page - Intel Corporation GWIXP420BBT Datasheet HTML 14Page - Intel Corporation GWIXP420BBT Datasheet HTML 15Page - Intel Corporation GWIXP420BBT Datasheet HTML 16Page - Intel Corporation GWIXP420BBT Datasheet HTML 17Page - Intel Corporation GWIXP420BBT Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
14
Document Number: 252479, Revision: 005
1.2.2
Processor Features
Table 3.
Processor Features
Feature
Requires
Enabling
Software
(Note 1)
Intel® IXP425
Network
Processor
B0 Step
Intel® IXP423
Network
Processor
Intel® IXP422
Network
Processor
Intel® IXP421
Network
Processor
Intel® IXP420
Network
Processor
Intel®
IXC1100
Control Plane
Processor
Processor
Speed
(MHz)
266/400/533
266
266
266
266/400/533
266/400/533
UTOPIA 2
Yes
X
X
X
GPIO
XX
XX
X
X
UART 0/1
X
XX
XXX
HSS 0
Yes
X
X
X
HSS 1
Yes
X
X
X
MII 0
Yes
XX
XX
X
X
MII 1
Yes
X
X
X
X
X
USB
X
XX
XXX
PCI
X
XX
XXX
Expansion
Bus
16-bit, 66 MHz
16-bit, 66 MHz
16-bit, 66 MHz
16-bit, 66 MHz
16-bit, 66 MHz
16-bit, 66 MHz
SDRAM
32-bit, 133
MHz
32-bit, 133
MHz
32-bit, 133
MHz
32-bit, 133
MHz
32-bit, 133
MHz
32-bit, 133
MHz
AES / DES /
DES3
Yes
X
X
Multi-
Channel
HDLC
Yes
8
8
8
SHA-1 /
MD-5
Yes
X
X
Commercial
Temperature
XX
XX
X
X
Extended
Temperature
X
X (Note 2)X
Notes:
1.
The features marked “Yes” require enabling software. Please refer to the Intel® IXP400 Software Programmer’s Guide to
determine if the feature is enabled.
2.
Only the 266 MHz version of the Intel® IXP420 Network Processor supports extended temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com