Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWIXP420BBT Datasheet(PDF) 24 Page - Intel Corporation

Part # GWIXP420BBT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP420BBT Datasheet(HTML) 24 Page - Intel Corporation

Back Button GWIXP420BBT Datasheet HTML 20Page - Intel Corporation GWIXP420BBT Datasheet HTML 21Page - Intel Corporation GWIXP420BBT Datasheet HTML 22Page - Intel Corporation GWIXP420BBT Datasheet HTML 23Page - Intel Corporation GWIXP420BBT Datasheet HTML 24Page - Intel Corporation GWIXP420BBT Datasheet HTML 25Page - Intel Corporation GWIXP420BBT Datasheet HTML 26Page - Intel Corporation GWIXP420BBT Datasheet HTML 27Page - Intel Corporation GWIXP420BBT Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
24
Document Number: 252479, Revision: 005
The maximum burst size supported to the SDRAM interface is eight 32-bit words. This burst size
allows the best efficiency/fairness performance between accesses from the North AHB and the
South AHB.
2.1.8
Expansion Bus
The expansion interface allows easy and — in most cases — glue-less connection to peripheral
devices. It also provides input information for device configuration after reset. Some of the
peripheral device types are flash, ATM control interfaces, and DSPs used for voice applications.
(Some voice configurations can be supported by the HSS interfaces and the Intel XScale® Core,
implementing voice-compression algorithms.)
The expansion bus interface is a 16-bit interface that allows an address range of 512 bytes to
16 Mbytes, using 24 address lines for each of the eight independent chip selects.
Accesses to the expansion bus interface consists of five phases. Each of the five phases can be
lengthened or shortened by setting various configuration registers on a per-chip-select basis. This
feature allows the IXP42X product line and IXC1100 control plane processors to connect to a wide
variety of peripheral devices with varying speeds.
The expansion bus interface supports Intel or Motorola* microprocessor-style bus cycles. The bus
cycles can be configured to be multiplexed address/data cycles or separate address/data cycles for
each of the eight chip-selects.
Additionally, Chip Selects 4 through 7 can be configured to support Texas Instruments HPI-8 or
HPI-16 style accesses for DSPs.
The expansion bus interface is an asynchronous interface to externally connected chips. However,
a clock must be supplied to the IXP42X product line and IXC1100 control plane processors’
expansion bus interface for the interface to operate. This clock can be driven from GPIO 15 or an
external source. The maximum clock rate that the expansion bus interface can accept is
66.66 MHz.
At the de-assertion of reset, the 24-bit address bus is used to capture configuration information
from the levels that are applied to the pins at this time. External pull-up/pull-down resistors are
used to tie the signals to particular logic levels. (For additional details, see “Package and Pinout
Information” on page 50.)
2.1.9
High-Speed, Serial Interfaces
The high-speed, serial interfaces are six-signal interfaces that support serial transfer speeds from
512 KHz to 8.192 MHz, for some models of the IXP42X product line and IXC1100 control plane
processors. (See Table 4 on page 20.)
Each interface allows direct connection of up to four T1/E1 framers and CODEC/SLICs to the
IXP42X product line and IXC1100 control plane processors. The high-speed, serial interfaces are
capable of supporting various protocols, based on the implementation of the code developed for the
network processor engine core. For a list of supported protocols, see the Intel® IXP400 Software
Programmer’s Guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com