Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWIXP420BBT Datasheet(PDF) 121 Page - Intel Corporation

Part # GWIXP420BBT
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GWIXP420BBT Datasheet(HTML) 121 Page - Intel Corporation

Back Button GWIXP420BBT Datasheet HTML 117Page - Intel Corporation GWIXP420BBT Datasheet HTML 118Page - Intel Corporation GWIXP420BBT Datasheet HTML 119Page - Intel Corporation GWIXP420BBT Datasheet HTML 120Page - Intel Corporation GWIXP420BBT Datasheet HTML 121Page - Intel Corporation GWIXP420BBT Datasheet HTML 122Page - Intel Corporation GWIXP420BBT Datasheet HTML 123Page - Intel Corporation GWIXP420BBT Datasheet HTML 124Page - Intel Corporation GWIXP420BBT Datasheet HTML 125Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Datasheet
March 2005
Document Number: 252479, Revision: 005
121
Table 62.
HPI-16 Simplex Read Accesses Values
Symbol
Parameter
Min.
Max.
Units
Notes
Tadd_setup
Valid time that address is asserted on the line. The address is
asserted at the same time as chip select.
11
45
Cycles
1, 5, 6
Tcs2hds1val
Delay from chip select being active and the HDS1 data strobe
being active.
3
4
Cycles
5, 6
Thds1_pulse
Pulse width of the HDS1 data strobe.
4
5
Cycles
2, 4, 5
Tdata_setup
Data is valid from the time from of the falling edge of HDS1_N
to when the data is read.
45
Cycles
3, 5, 6
Trecov
Time required between successive accesses on the
expansion interface.
217
Cycles
4, 6
Notes:
1.
The address phase parameter (T1) must be set to a minimum value of 2. This value allows three T
clocks for the address phase. This setting is required to ensure that in the event of an HRDY, the
Intel® IXP42X Product Line and Intel® IXC1100 Control Plane processors has had sufficient time to
recognize the HRDY and hold the address phase for at least one clock pulse after the HRDY is de-
active.
2.
The data setup phase parameter (T2) must be set to a minimum value of 2. This value allows three T
clocks for setup phase.
3.
The data strobe phase parameter (T3) must be set to a minimum value of 1. This value allows two T
clocks for the data phase. This setting is required to ensure that in the event of an HRDY, the Intel®
IXP42X Product Line and Intel® IXC1100 Control Plane processors has had sufficient time to
recognize the HRDY and hold the data setup phase for at least one clock pulse after the HRDY is de-
active.
4.
Setting the recovery phase parameter (T5) will adjust the duration between successive accesses on
the Expansion Bus interface.
5.
HRDY can be asserted by the DSP at any point in the access. The interface will not leave states T1 or
T3 until HRDY is de-active.
6.
One cycle is the period of the Expansion Bus clock.
7.
Timing tests were performed with a 70-pF capacitor to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com