Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560CPXAPFB Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MPC8560CPXAPFB
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560CPXAPFB Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MPC8560CPXAPFB Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
Freescale Semiconductor
33
Ethernet: Three-Speed, MII Management
7.2.4 RGMII and RTBI AC Timing Specifications
Table 26 presents the RGMII and RTBI AC timing specifications.
Table 26. RGMII and RTBI AC Timing Specifications
At recommended operating conditions with LVDD of 2.5 V ± 5%.
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
Data to clock output skew (at transmitter)
tSKRGT
5
–500
0
500
ps
Data to clock input skew (at receiver) 2
tSKRGT
1.0
—
2.8
ns
Clock cycle duration 3
tRGT
6
7.2
8.0
8.8
ns
Duty cycle for 1000Base-T 4
tRGTH/tRGT
6
45
50
55
%
Duty cycle for 10BASE-T and 100BASE-TX 3
tRGTH/tRGT
6
40
50
60
%
Rise time (20%–80%)
tRGTR
6
—
—
0.75
ns
Fall time (20%–80%)
tRGTF
6
—
—
0.75
ns
Notes:
1.Note that, in general, the clock reference symbol representation for this section is based on the symbols RGT to
represent RGMII and RTBI timing. For example, the subscript of tRGT represents the TBI (T) receive (RX) clock.
Note also that the notation for rise (R) and fall (F) times follows the clock symbol that is being represented. For
symbols representing skews, the subscript is skew (SK) followed by the clock that is being skewed (RGT).
2.This implies that PC board design will require clocks to be routed such that an additional trace delay of greater than
1.5 ns will be added to the associated clock signal.
3.For 10 and 100 Mbps, tRGT scales to 400 ns ± 40 ns and 40 ns ± 4 ns, respectively.
4.Duty cycle may be stretched/shrunk during speed changes or while transitioning to a received packet's clock
domains as long as the minimum duty cycle is not violated and stretching occurs for no more than three tRGT of the
lowest speed transitioned between.
5.Guaranteed by characterization.
6.Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com