Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560CPXAPFB Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # MPC8560CPXAPFB
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560CPXAPFB Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button MPC8560CPXAPFB Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
84
Freescale Semiconductor
Clocking
15 Clocking
This section describes the PLL configuration of the MPC8560. Note that the platform clock is identical to the CCB
clock.
15.1 Clock Ranges
Table 54 provides the clocking specifications for the processor core and Table 55 provides the clocking
specifications for the memory bus.
15.2 Platform/System PLL Ratio
The platform clock is the clock that drives the L2 cache, the DDR SDRAM data rate, and the e500 core complex
bus (CCB), and is also called the CCB clock. The values are determined by the binary value on LA[28:31] at power
up, as shown in Table 56.
There is no default for this PLL ratio; these signals must be pulled to the desired values.
Table 54. Processor Core Clocking Specifications
Characteristic
Maximum Processor Core Frequency
Unit
Notes
667 MHz
833 MHz
Min
Max
Min
Max
e500 core processor frequency
400
667
400
833
MHz
1, 2
Notes:
1.Caution: The CCB to SYSCLK ratio and e500 core to CCB ratio settings must be chosen such that
the resulting SYSCLK frequency, e500 (core) frequency, and CCB frequency do not exceed their
respective maximum or minimum operating frequencies. Refer to Section 15.2, “Platform/System
PLL Ratio,” and Section 15.3, “e500 Core PLL Ratio,” for ratio settings.
2.)The minimum e500 core frequency is based on the minimum platform frequency of 200 MHz.
Table 55. Memory Bus Clocking Specifications
Characteristic
Maximum Processor Core Frequency
Unit
Notes
667 MHz
833 MHz
Min
Max
Min
Max
Memory bus frequency
100
166
100
166
MHz
1, 2
Notes:
1.Caution: The CCB to SYSCLK ratio and e500 core to CCB ratio settings must be chosen such that
the resulting SYSCLK frequency, e500 (core) frequency, and CCB frequency do not exceed their
respective maximum or minimum operating frequencies. Refer to Section 15.2, “Platform/System
PLL Ratio,” and Section 15.3, “e500 Core PLL Ratio,” for ratio settings.
2.The memory bus speed is half of the DDR data rate, hence, half of the platform clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com