Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560CPXAPFB Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # MPC8560CPXAPFB
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560CPXAPFB Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button MPC8560CPXAPFB Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
76
Freescale Semiconductor
DDR SDRAM Memory Interface
MDQ[0:63]
M26, L27, L22, K24, M24, M23, K27, K26,
K22, J28, F26, E27, J26, J23, H26, G26,
C26, E25, C24, E23, D26, C25, A24, D23,
B23, F22, J21, G21, G22, D22, H21, E21,
N18, J18, D18, L17, M18, L18, C18, A18,
K17, K16, C16, B16, G17, L16, A16, L15,
G15, E15, C14, K13, C15, D15, E14, D14,
D13, E13, D12, A11, F13, H13, A13, B12
I/O
GVDD
MECC[0:7]
N20, M20, L19, E19, C21, A21, G19, A19
I/O
GVDD
MDM[0:8]
L24, H28, F24, L21, E18, E16, G14, B13,
M19
O
GVDD
MDQS[0:8]
L26, J25, D25, A22, H18, F16, F14, C13,
C20
I/O
GVDD
MBA[0:1]
B18, B19
O
GVDD
MA[0:14]
N19, B21, F21, K21, M21, C23, A23, B24,
H23, G24, K19, B25, D27, J14, J13
O
GVDD
MWE
D17
O
GVDD
MRAS
F17
O
GVDD
MCAS
J16
O
GVDD
MCS[0:3]
H16, G16, J15, H15
O
GVDD
MCKE[0:1]
E26, E28
O
GVDD
11
MCK[0:5]
J20, H25, A15, D20, F28, K14
O
GVDD
MCK[0:5]
F20, G27, B15, E20, F27, L14
O
GVDD
MSYNC_IN
M28
I
GVDD
MSYNC_OUT
N28
O
GVDD
Local Bus Controller Interface
LA[27]
U18
O
OVDD
5, 9
LA[28:31]
T18, T19, T20, T21
O
OVDD
7, 9
LAD[0:31]
AD26, AD27, AD28, AC26, AC27, AC28,
AA22, AA23, AA26, Y21, Y22, Y26, W20,
W22, W26, V19, T22, R24, R23, R22, R21,
R18, P26, P25, P20, P19, P18, N22, N23,
N24, N25, N26
I/O
OVDD
LALE
V21
O
OVDD
8, 9
LBCTL
V20
O
OVDD
9
LCKE
U23
O
OVDD
Table 53. MPC8560 Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com