Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560CPXAPFB Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # MPC8560CPXAPFB
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560CPXAPFB Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button MPC8560CPXAPFB Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
86
Freescale Semiconductor
Clocking
15.4 Frequency Options
Table 58 shows the expected frequency values for the platform frequency when using a CCB to SYSCLK ratio in
comparison to the memory bus speed.
Table 58. Frequency Options with Respect to Memory Bus Speeds
CCB to
SYSCLK
Ratio
SYSCLK (MHz)
16.67
25
33.33
41.63
66.67
83
100
111
133.33
Platform/CCB Frequency (MHz)
2
200
222
267
3
200
250
300
333
4
267
333
5
208
333
6
200
250
8
200
267
333
9
225
300
10
250
333
12
200
300
16
267



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com