Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560CPXAPFB Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # MPC8560CPXAPFB
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560CPXAPFB Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MPC8560CPXAPFB Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
Freescale Semiconductor
77
LCLK[0:2]
U27, U28, V18
O
OVDD
LCS[0:4]
Y27, Y28, W27, W28, R27
O
OVDD
18
LCS5/DMA_DREQ2
R28
I/O
OVDD
1
LCS6/DMA_DACK2
P27
O
OVDD
1
LCS7/DMA_DDONE2
P28
O
OVDD
1
LDP[0:3]
AA27, AA28, T26, P21
I/O
OVDD
LGPL0/LSDA10
U19
O
OVDD
5, 9
LGPL1/LSDWE
U22
O
OVDD
5, 9
LGPL2/LOE/LSDRAS
V28
O
OVDD
8, 9
LGPL3/LSDCAS
V27
O
OVDD
5, 9
LGPL4/LGTA/LUPWAIT/
LPBSE
V23
I/O
OVDD
22
LGPL5
V22
O
OVDD
5, 9
LSYNC_IN
T27
I
OVDD
LSYNC_OUT
T28
O
OVDD
LWE[0:1]/LSDDQM[0:1]/LB
S[0:1]
AB28, AB27
O
OVDD
1, 5, 9
LWE[2:3]/LSDDQM[2:3]/LB
S[2:3]
T23, P24
O
OVDD
1, 5, 9
DMA
DMA_DREQ[0:1]
H5, G4
I
OVDD
DMA_DACK[0:1]
H6, G5
O
OVDD
DMA_DDONE[0:1]
H7, G6
O
OVDD
Programmable Interrupt Controller
MCP
AG17
I
OVDD
UDE
AG16
I
OVDD
IRQ[0:7]
AA18, Y18, AB18, AG24, AA21, Y19, AA19,
AG25
I
OVDD
IRQ8
AB20
I
OVDD
9
IRQ9/DMA_DREQ3
Y20
I
OVDD
1
IRQ10/DMA_DACK3
AF26
I/O
OVDD
1
IRQ11/DMA_DDONE3
AH24
I/O
OVDD
1
IRQ_OUT
AB21
O
OVDD
2, 4
Table 53. MPC8560 Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com