Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560CPXAPFB Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC8560CPXAPFB
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560CPXAPFB Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC8560CPXAPFB Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
Freescale Semiconductor
57
PCI/PCI-X
Figure 38 provides the AC test load for PCI and PCI-X.
Figure 38. PCI/PCI-X AC Test Load
Figure 39 shows the PCI/PCI-X input AC timing conditions.
Figure 39. PCI-PCI-X Input AC Timing Measurement Conditions
HRESET high to first FRAME assertion
tPCRHFV
10
—
clocks
8, 11
Notes:
1.Note that the symbols used for timing specifications herein follow the pattern of t(first two letters of functional
block)(signal)(state) (reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For
example, tPCIVKH symbolizes PCI/PCI-X timing (PC) with respect to the time the input signals (I) reach the valid
state (V) relative to the SYSCLK clock, tSYS, reference (K) going to the high (H) state or setup time. Also, tPCRHFV
symbolizes PCI/PCI-X timing (PC) with respect to the time hard reset (R) went high (H) relative to the frame signal
(F) going to the valid (V) state.
2.See the timing measurement conditions in the PCI 2.2 Local Bus Specifications.
3.All PCI signals are measured from OVDD/2 of the rising edge of PCI_SYNC_IN to 0.4 × OVDD of the signal in
question for 3.3 V PCI signaling levels.
4.For purposes of active/float timing measurements, the Hi-Z or off state is defined to be when the total current
delivered through the component pin is less than or equal to the leakage current specification.
5.Input timings are measured at the pin.
6.The timing parameter tSYS indicates the minimum and maximum CLK cycle times for the various specified
frequencies. The system clock period must be kept within the minimum and maximum defined ranges. For values
see Section 15, “Clocking.”
7.The setup and hold time is with respect to the rising edge of HRESET.
8.The timing parameter tPCRHFV is a minimum of 10 clocks rather than the minimum of 5 clocks in the PCI 2.2 Local
Bus Specifications.
9.The reset assertion timing requirement for HRESET is 100
µs.
10.Guaranteed by characterization.
11.Guaranteed by design.
Table 42. PCI AC Timing Specifications at 66 MHz (continued)
Parameter
Symbol 1
Min
Max
Unit
Notes
Output
OVDD/2
RL = 50 Ω
Z0 = 50 Ω
tPCIVKH
CLK
Input
tPCIXKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com