Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560CPXAPFB Datasheet(PDF) 93 Page - Freescale Semiconductor, Inc

Part # MPC8560CPXAPFB
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560CPXAPFB Datasheet(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button MPC8560CPXAPFB Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
Freescale Semiconductor
93
Thermal
Figure 55. Thermalloy #2328B Heat Sink-to-Ambient Thermal Resistance Versus Airflow Velocity
16.2.4.2Case 2
Every system application has different conditions that the thermal management solution must solve. As an alternate
example, assume that the air reaching the component is 85 °C with an approach velocity of 1 m/sec. For a maximum
junction temperature of 105 °C at 7 W, the total thermal resistance of junction to case thermal resistance plus thermal
interface material plus heat sink thermal resistance must be less than 2.8 °C/W. The value of the junction to case
thermal resistance in Table 59 includes the thermal interface resistance of a thin layer of thermal grease as
documented in footnote 4 of the table. Assuming that the heat sink is flat enough to allow a thin layer of grease or
phase change material, then the heat sink must be less than 2 °C/W.
Millennium Electronics (MEI) has tooled a heat sink MTHERM-1051 for this requirement assuming a compactPCI
environment at 1 m/sec and a heat sink height of 12 mm. The MEI solution is illustrated in Figure 56 and Figure 57.
This design has several significant advantages:
•
The heat sink is clipped to a plastic frame attached to the application board with screws or plastic inserts at
the corners away from the primary signal routing areas.
•
The heat sink clip is designed to apply the force holding the heat sink in place directly above the die at a
maximum force of less than 10 lbs.
•
For applications with significant vibration requirements, silicone damping material can be applied between
the heat sink and plastic frame.
The spring mounting should be designed to apply the force only directly above the die. By localizing the force,
rocking of the heat sink is minimized. One suggested mounting method attaches a plastic fence to the board to
provide the structure on which the heat sink spring clips. The plastic fence also provides the opportunity to minimize
1
3
5
7
8
0
0.5
1
1.5
2
2.5
3
3.5
Thermalloy #2328B Pin-fin Heat Sink
Approach Air Velocity (m/s)
(25
× 28 × 15 mm)
2
4
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com