Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560CPXAPFB Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # MPC8560CPXAPFB
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560CPXAPFB Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button MPC8560CPXAPFB Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
72
Freescale Semiconductor
Package and Pin Listings
14 Package and Pin Listings
This section details package parameters, pin assignments, and dimensions.
14.1 Package Parameters for the MPC8560 FC-PBGA
The package parameters are as provided in the following list. The package type is 29 mm
× 29 mm, 783 flip chip
plastic ball grid array (FC-PBGA).
Die size
12.2 mm
× 9.5 mm
Package outline
29 mm
× 29 mm
Interconnects
783
Pitch
1 mm
Minimum module height
3.07 mm
Maximum module height
3.75 mm
Solder Balls
62 Sn/36 Pb/2 Ag
Ball diameter (typical)
0.5 mm
14.2 Mechanical Dimensions of the MPC8560 FC-PBGA
Figure 50 the mechanical dimensions and bottom surface nomenclature of the MPC8560, 783 FC-PBGA package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com