Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560CPXAPFB Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # MPC8560CPXAPFB
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560CPXAPFB Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button MPC8560CPXAPFB Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
Freescale Semiconductor
81
GND
A12, A17, B3, B14, B20, B26, B27, C2, C4,
C11,C17, C19, C22, C27, D8, E3, E12, E24,
F11, F18, F23, G9, G12, G25, H4, H12, H14,
H17, H20, H22, H27, J19, J24, K5, K9, K18,
K23, K28, L6, L20, L25, M4, M12, M14,
M16, M22, M27, N2, N13, N15, N17, P12,
P14, P16, P23, R13, R15, R17, R20, R26,
T3, T8, T10, T12, T14, T16, U6, U13, U15,
U16, U17, U21, V7, V10, V26, W5, W18,
W23, Y8, Y16, AA6, AA13, AB4, AB11,
AB19, AC6, AC9, AD3, AD8, AD17, AF2,
AF4, AF10, AF13, AF15, AF27, AG3, AG7,
AG26
—
—
GVDD
A14, A20, A25, A26, A27, A28, B17, B22,
B28, C12, C28, D16, D19, D21, D24, D28,
E17, E22, F12, F15, F19, F25, G13, G18,
G20, G23, G28, H19, H24, J12, J17, J22,
J27, K15, K20, K25, L13, L23, L28, M25,
N21
Power for DDR
DRAM I/O
Voltage
(2.5 V)
GVDD
LVDD
A4, C5, E7, H10
Reference
Voltage;
Three-Speed
Ethernet I/O
(2.5 V, 3.3 V)
LVDD
MVREF
N27
Reference
Voltage Signal;
DDR
MVREF
No Connects
AH26, AH27, AH28, AG28, AF28, AE28,
AH1, AG1, AH2, B1, B2, A2, A3, AH25
—
—
16
OVDD
D1, E4, H3, K4, K10, L7, M5, N3, P22, R19,
R25, T2, T7, U5, U20, U26, V8, W4, W13,
W19, W21, Y7, Y23, AA5, AA12, AA16,
AA20, AB7, AB9, AB26, AC5, AC11, AC17,
AD4, AE1, AE8, AE10, AE15, AF7, AF12,
AG27, AH4
PCI/PCI-X,
RapidIO, 10/100
Ethernet, and
other Standard
(3.3 V)
OVDD
RESERVED
C1, T11, U11, AF1
—
—
15
SENSEVDD
L12
Power for Core
(1.2 V)
VDD
13
SENSEVSS
K12
—
—
13
VDD
M13, M15, M17, N14, N16, P13, P15, P17,
R12, R14, R16, T13, T15, T17, U12, U14
Power for Core
(1.2 V)
VDD
CPM
PA[0:31]
H1, H2, J1, J2, J3, J4, J5, J6, J7, J8, K8, K7,
K6, K3, K2, K1, L1, L2, L3, L4, L5, L8, L9,
L10, L11, M10, M9, M8, M7, M6, M3, M2
I/0
OVDD
Table 53. MPC8560 Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com