Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560CPXAPFB Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # MPC8560CPXAPFB
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560CPXAPFB Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MPC8560CPXAPFB Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8560CPXAPFB Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
Freescale Semiconductor
61
RapidIO
13 RapidIO
This section describes the DC and AC electrical specifications for the RapidIO interface of the MPC8560.
13.1 RapidIO DC Electrical Characteristics
RapidIO driver and receiver DC electrical characteristics are provided in Table 45 and Table 46, respectively.
Table 45. RapidIO 8/16 LP-LVDS Driver DC Electrical Characteristics
At recommended operating conditions with OVDD of 3.3 V ± 5%.
Characteristic
Symbol
Min
Max
Unit
Notes
Differential output high voltage
VOHD
247
454
mV
1, 2
Differential output low voltage
VOLD
–454
–247
mV
1, 2
Differential offset voltage
∆VOSD
—
50
mV
1,3
Output high common mode voltage
VOHCM
1.125
1.375
V
1, 4
Output low common mode voltage
VOLCM
1.125
1.375
V
1, 5
Common mode offset voltage
∆VOSCM
—
50
mV
1, 6
Differential termination
RTERM
90
220
W
Short circuit current (either output)
|ISS|
—
24
mA
7
Bridged short circuit current
|ISB|
—
12
mA
8
Notes:
1.Bridged 100-
Ω load.
2.See Figure 41(a).
3.Differential offset voltage = |VOHD+VOLD|. See Figure 41(b).
4.VOHCM = (VOA + VOB)/2 when measuring VOHD.
5.VOLCM = (VOA + VOB)/2 when measuring VOLD.
6.Common mode offset
∆VOSCM = |VOHCM – VOLCM|. See Figure 41(c).
7.Outputs shorted to VDD or GND.
8.Outputs shorted together.
Table 46. RapidIO 8/16 LP-LVDS Receiver DC Electrical Characteristics
Characteristic
Symbol
Min
Max
Unit
Notes
Voltage at either input
VI
0
2.4
V
Differential input high voltage
VIHD
100
600
mV
1
Differential input low voltage
VILD
–600
–100
mV
1
Common mode input range (referenced to receiver
ground)
VICM
0.050
2.350
V
2
Input differential resistance
RIN
90
110
W
Notes:
1.Over the common mode range.
2.Limited by VI. See Figure 48.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com