Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88873P Datasheet(PDF) 10 Page - ASIX Electronics Corporation

Part # AX88873P
Description  10/100BASE Dual Speed 8-Port Repeater
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88873P Datasheet(HTML) 10 Page - ASIX Electronics Corporation

Back Button AX88873P Datasheet HTML 6Page - ASIX Electronics Corporation AX88873P Datasheet HTML 7Page - ASIX Electronics Corporation AX88873P Datasheet HTML 8Page - ASIX Electronics Corporation AX88873P Datasheet HTML 9Page - ASIX Electronics Corporation AX88873P Datasheet HTML 10Page - ASIX Electronics Corporation AX88873P Datasheet HTML 11Page - ASIX Electronics Corporation AX88873P Datasheet HTML 12Page - ASIX Electronics Corporation AX88873P Datasheet HTML 13Page - ASIX Electronics Corporation AX88873P Datasheet HTML 14Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
ASIX ELECTRONICS CORPORATION
10
CONFIDENTIAL
AX88873P 10/100Mb Repeater Controller PRELIMINARY
2.4 LED Display
Signal Name
Type Pin No.
Description
LED[1:0]
O
55, 54
Those signals indicate each port‘s statuses (such as activity, jabber and
partition) and global information(such as Collision , Repeater ID,
Utilization ) in sequence. For detail , see the LED timing specification
The utilization of 100M segment and 10M segment are using the same scale.
The Utilization % display define as following : (See Note 1 also)
1: Led off
0: Led on
LED[0] : This signal also indicates 100M repeater collision ( Blinking )
during the interval of sequence shift
data.
LED[1] : This signal also indicates 10 M repeater collision ( Blinking )
during the interval of sequence shift data.
LED_CK
O
56
LED Clock : The signal is a discontinue clock for LED signals serial shift
out. The clock period width is 400nS and last 32 cycle with every 52.4ms
repeated.
2.5 Miscellaneous
Signal Name
Type Pin No.
Description
/RST
I
45
Reset : Active Low
The chip is reset when this signal is asserted Low
REF_CLK
I
47
Reference clock : The input is a continuous clock at 50Mhz for timing
reference with RMII interface.
DAISY_IN
I/PU
51
Repeater Identification Number Daisy-Chain In : When MODE=” 1” ,
This pin is a daisy chain serial input for Repeater ID. A state machine always
monitors the input if a correct data (RID) present at the pin, the (RID+1) will
be written to RID register and override the power on setup RID for the chip.
DAISY_OUT
O/ML
52
Repeater Identification Number Daisy-Chain Out : When MODE=” 1” ,
This pin is periodically shift out the RID of itself to the next chained chip to
inform that this ID has already been occupied. The RID is shift out
periodically every about 200us.
MDO
O
43
Station Management Data Out : For setup PHY auto-negotiation registers.
A burst write commands are issue to setup PHY register after reset. The PHY
address 4h, 5h, 6h, 7h, 8h, 9h,Ah and Bh will be written as register 4h to
value 00A1h ( Advertise register set to 10/100 half-duplex mode)and register
0h to value 1000h(Enable auto-negotiation).
MDC
O
42
Station Management Data Clock Out : For MDO reference clock.
/TEST
I/PD
44
Test Pin : Active LOW
Utilization %
UTI0
UTI1
UTI2
UTI3
UTI4
UTI5
0
1
1
1
1
1
1
1
0
1
1
1
1
1
5
0
0
1
1
1
1
10
0
0
0
1
1
1
15
0
0
0
0
1
1
30
0
0
0
0
0
1
60
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com