Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88873P Datasheet(PDF) 1 Page - ASIX Electronics Corporation

Part # AX88873P
Description  10/100BASE Dual Speed 8-Port Repeater
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88873P Datasheet(HTML) 1 Page - ASIX Electronics Corporation

  AX88873P Datasheet HTML 1Page - ASIX Electronics Corporation AX88873P Datasheet HTML 2Page - ASIX Electronics Corporation AX88873P Datasheet HTML 3Page - ASIX Electronics Corporation AX88873P Datasheet HTML 4Page - ASIX Electronics Corporation AX88873P Datasheet HTML 5Page - ASIX Electronics Corporation AX88873P Datasheet HTML 6Page - ASIX Electronics Corporation AX88873P Datasheet HTML 7Page - ASIX Electronics Corporation AX88873P Datasheet HTML 8Page - ASIX Electronics Corporation AX88873P Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
ASIX ELECTRONICS CORPORATION
Doc. No. AX873-11.DOC Date : APR/26/1999
2F, NO.13, Industry East Rd. II, Science-based Industrial Park, Hsin-Chu City, Taiwan, R.O.C.
TEL: 886-3-579-9500
FAX: 886-3-579-9558
http://www.asix.com.tw
AX88873P
10/100BASE Dual Speed Repeater Controller
10/100BASE Dual Speed 8-Port Repeater
Ver. 1.1
Features
•
IEEE 802.3u repeater compatible
•
Supports 8 10/100Mbps RMII I/F repeater ports
•
Accompany with AX88872 to build a low cost dual
speed repeater solution
•
Up-to 4 repeaters can be cascaded for vertical
expansion
•
Up-to 3 chips can be cascaded locally for horizontal
expansion
•
All ports can be separately isolated or partitioned in
response to fault condition
•
Separate jabber and partition state machines for
each port
•
Per-port LED display for Jabber, Partition, Activity
and
global
collision,
utilization
(%)
for
10/100Mbps presentation
•
Power on LED diagnosis. All the LED display will
follow the “ON-OFF-ON-OFF-Normal” operation
procedure during/after power on reset
•
50MHz Operation, 3.3volt and 128-pin PQFP
Product description
The AX88873 10/100Mbps Dual Speed repeater Controller is a counterpart of AX88872 without built in 4-ports
switch. It is design for low cost dual speed dumb HUB application.
The AX88873 directly supports up-to eight 10/100Mbps automatic links RMII interfaces. Maximum up-to 96
repeater ports can be constructed by stacking 1 AX88872 and 2 AX88873 chips horizontally and then cascading 4
horizontal boards vertically.
With using 128-pin low cost package, accompany with AX88872 to build up low cost dual speed repeater application.
Not only perform the repeater function but gain additional 2 switch ports. The 2 dual speed switch ports are connected
to external MII or RMII interfaces PHY for various applications. For example, one port is use for down link and the
other is used for up link to extend the network topology. The other case is one port for up link and the other port for
server.
The AX88873 is designed base on IEEE 802.3u clause 27 “ Repeater for 100Mb/s base-band networks” It is fully
compatible with IEEE 802.3u standard. Please refer Ax872-11.doc to get more information about AX88872.
System Block Diagram
Always contact ASIX for possible updates before starting a design.
This data sheet contains new products information. ASIX ELECTRONICS reserves the rights to modify product specification without notice. No liability
is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
AX88873 #1
Repeater Controller
Buffer
100Mbps horizontal cascade
10Mbps and 100Mbps Vertical cascade upto 4 stacks
AX88873 #0
Repeater Controller
AX88872 #0
Swipeater Controller
10Mbps horizontal cascade
2 Quad RMII PHY
2 Quad RMII PHY
2 Quad RMII PHY
PHY for Up-link
PHY for Down-link or Server


Similar Part No. - AX88873P

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX88871AP ASIX-AX88871AP Datasheet
391Kb / 30P
10/100BASE Dual Speed Bripeater Controller
AX88872P ASIX-AX88872P Datasheet
511Kb / 36P
10/100BASE Dual Speed ?쏶wipeater??Controller
AX88875AP ASIX-AX88875AP Datasheet
289Kb / 23P
10/100BASE 5-Port Dual Speed Bripeater Controller
More results

Similar Description - AX88873P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1108 FAIRCHILD-FIN1108 Datasheet
475Kb / 7P
LVDS 8 Port High Speed Repeater
logo
ASIX Electronics Corpor...
AX88875AP ASIX-AX88875AP Datasheet
289Kb / 23P
10/100BASE 5-Port Dual Speed Bripeater Controller
AX88872P ASIX-AX88872P Datasheet
511Kb / 36P
10/100BASE Dual Speed ?쏶wipeater??Controller
AX88871AP ASIX-AX88871AP Datasheet
391Kb / 30P
10/100BASE Dual Speed Bripeater Controller
logo
XFMRS Inc.
XFATM8Q3B XFMRS-XFATM8Q3B Datasheet
80Kb / 1P
Dual Port 10/100BASE-TX Modules
logo
Fairchild Semiconductor
FIN1108 FAIRCHILD-FIN1108_10 Datasheet
672Kb / 9P
LVDS 8-Port, High-Speed Repeater
logo
XFMRS Inc.
XFATM8Q3B XFMRS-XFATM8Q3B Datasheet
80Kb / 1P
Dual Port 10/100BASE-TX Modules
XFATM8Q11 XFMRS-XFATM8Q11 Datasheet
55Kb / 1P
Dual Port 10/100BASE-TX Module
XFATM8Q11 XFMRS-XFATM8Q11_15 Datasheet
55Kb / 1P
Dual Port 10/100BASE-TX Module
logo
ON Semiconductor
FIN1108 ONSEMI-FIN1108 Datasheet
693Kb / 11P
LVDS 8-Port, High-Speed Repeater
September 2010 Rev. 1.0.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com