Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88873P Datasheet(PDF) 21 Page - ASIX Electronics Corporation

Part # AX88873P
Description  10/100BASE Dual Speed 8-Port Repeater
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88873P Datasheet(HTML) 21 Page - ASIX Electronics Corporation

Back Button AX88873P Datasheet HTML 13Page - ASIX Electronics Corporation AX88873P Datasheet HTML 14Page - ASIX Electronics Corporation AX88873P Datasheet HTML 15Page - ASIX Electronics Corporation AX88873P Datasheet HTML 16Page - ASIX Electronics Corporation AX88873P Datasheet HTML 17Page - ASIX Electronics Corporation AX88873P Datasheet HTML 18Page - ASIX Electronics Corporation AX88873P Datasheet HTML 19Page - ASIX Electronics Corporation AX88873P Datasheet HTML 20Page - ASIX Electronics Corporation AX88873P Datasheet HTML 21Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
ASIX ELECTRONICS CORPORATION
21
CONFIDENTIAL
AX88873P 10/100Mb Repeater Controller PRELIMINARY
A.3 16-port repeater with upto 4 stacks up-link to external switch
Buffer
10Mbps and 100Mbps horizontal cascade
10Mbps and 100Mbps Vertical cascade upto 4 stacks
AX88873 #0
Repeater Controller
2 Quad RMII PHY
2 Quad RMII PHY
AX88873 #1
Repeater Controller
Buffer
10Mbps and 100Mbps horizontal
AX88873 #0
Repeater Controller
2 Quad RMII PHY
2 Quad RMII PHY
AX88873 #1
Repeater Controller
AX88620
8-port Switch Controller
or
AX88615
5-port Switch Controller
Quad PHY
Quad PHY or Single PHY
10M Link
100M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com