Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88873P Datasheet(PDF) 4 Page - ASIX Electronics Corporation

Part # AX88873P
Description  10/100BASE Dual Speed 8-Port Repeater
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88873P Datasheet(HTML) 4 Page - ASIX Electronics Corporation

  AX88873P Datasheet HTML 1Page - ASIX Electronics Corporation AX88873P Datasheet HTML 2Page - ASIX Electronics Corporation AX88873P Datasheet HTML 3Page - ASIX Electronics Corporation AX88873P Datasheet HTML 4Page - ASIX Electronics Corporation AX88873P Datasheet HTML 5Page - ASIX Electronics Corporation AX88873P Datasheet HTML 6Page - ASIX Electronics Corporation AX88873P Datasheet HTML 7Page - ASIX Electronics Corporation AX88873P Datasheet HTML 8Page - ASIX Electronics Corporation AX88873P Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ASIX ELECTRONICS CORPORATION
4
CONFIDENTIAL
AX88873P 10/100Mb Repeater Controller PRELIMINARY
1.0 AX88873 Overview
1.1 General Description
The AX88873 is a simple dual speed repeater that provides two expansion buses for 10M and 100M
segments respectively. Accompany with AX88872 (build-in a 4-port switch) can construct high port
count (16 ports or 24 ports) application and gain 2 additional switch ports. Additional two switch
ports are also useful for up-link or connection of server.
The pin count of chip is reduced to 128 when design uses RMII I/F instead of MII. It is not only
simplify the design but also user can choose low cost RMII Quad PHY.
1.2 AX88873 Block Diagram:
10/100
Q-PHY
10/100
Q-PHY
RMII
I/F
RMII /MII
translation
for Repeater
Port 0 -7
Repeater State
Machine of 100Mbps
Led Interface
Cascade
Arbitration Logic
of 100Mbps
Repeater State
Machine of 10Mbps
Cascade
Arbitration Logic
of 10Mbps
Per Port Jabber
Detection
Per Port Partition
Detection
Fig - 1 AX88873 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com