Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88873P Datasheet(PDF) 5 Page - ASIX Electronics Corporation

Part # AX88873P
Description  10/100BASE Dual Speed 8-Port Repeater
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88873P Datasheet(HTML) 5 Page - ASIX Electronics Corporation

  AX88873P Datasheet HTML 1Page - ASIX Electronics Corporation AX88873P Datasheet HTML 2Page - ASIX Electronics Corporation AX88873P Datasheet HTML 3Page - ASIX Electronics Corporation AX88873P Datasheet HTML 4Page - ASIX Electronics Corporation AX88873P Datasheet HTML 5Page - ASIX Electronics Corporation AX88873P Datasheet HTML 6Page - ASIX Electronics Corporation AX88873P Datasheet HTML 7Page - ASIX Electronics Corporation AX88873P Datasheet HTML 8Page - ASIX Electronics Corporation AX88873P Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
ASIX ELECTRONICS CORPORATION
5
CONFIDENTIAL
AX88873P 10/100Mb Repeater Controller PRELIMINARY
1.3 Pin Connection Diagram
Fig - 2 Pin Connection Diagram
VDD
VSS
LED_CK
VSS
VSS
LED<1>
LED<0>
VSS
TXD1[0]
TXD1[1]
CRS_DV2
RXD2[0]
TXEN2
TXD2[0]
RXD2[1]
TXD2[1]
TXD7[0]
TXEN7
TXD7[1]
TIRD[1]
TIRD_CK
/TIRD_V
TIRD[0]
TIRD_ODIR
MDO
MDC
VDD
DAISY_IN
DAISY_OUT
NC
/RST
/TEST
VDD
VSS
REF_CLK
SPEED2
123
118
122
64
54
41
117
57
42
107
105
63
60
128
115
112
61
111
43
109
106
62
49
58
56
55
45
53
116
113
59
124
108
126
119
110
121
46
52
44
39
51
127
125
120
114
48
47
40
50
AX88873
103
104
TIRD[2]
VSS
SPEED1
RXD1[1]
RXD1[0]
CRS_DV1
TXEN1
CRS_DV0
RXD0[1]
RXD0[0]
TXD0[1]
TXD0[0]
TXEN0
VDD
VSS
SPEED0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com