Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88873P Datasheet(PDF) 13 Page - ASIX Electronics Corporation

Part # AX88873P
Description  10/100BASE Dual Speed 8-Port Repeater
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88873P Datasheet(HTML) 13 Page - ASIX Electronics Corporation

Back Button AX88873P Datasheet HTML 9Page - ASIX Electronics Corporation AX88873P Datasheet HTML 10Page - ASIX Electronics Corporation AX88873P Datasheet HTML 11Page - ASIX Electronics Corporation AX88873P Datasheet HTML 12Page - ASIX Electronics Corporation AX88873P Datasheet HTML 13Page - ASIX Electronics Corporation AX88873P Datasheet HTML 14Page - ASIX Electronics Corporation AX88873P Datasheet HTML 15Page - ASIX Electronics Corporation AX88873P Datasheet HTML 16Page - ASIX Electronics Corporation AX88873P Datasheet HTML 17Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
ASIX ELECTRONICS CORPORATION
13
CONFIDENTIAL
AX88873P 10/100Mb Repeater Controller PRELIMINARY
3.5 LED Display Interface
AX88873 provides per-port LED status indication for partition, jabber, activity and support rate - based LED
for 10 and 100Mbps segments utilization (%) . All LED[1:0] perform active low.
LED[1:0] Status Driver Wave-form as follows :
JAB7
JAB6
JAB5
JAB4
JAB3
JAB2
JAB1
JAB0
LED_CK
LED[0]
LED[0]
Continue
LED[1]
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D11
D12
D13
D14
D10
D15
ACT0
ACT1
ACT2
ACT3
ACT4
ACT5
ACT6
ACT7
10M
UTI0
10M
UTI1
10M
UTI2
10M
UTI3
10M
UTI4
10M
UTI5
100M
UTI0
100M
UTI2
100M
UTI3
100M
UTI4
100M
UTI5
100M
UTI1
LED[1]
Continue
PART
7
PART
6
PART
0
PART
1
PART
2
PART
3
PART
4
PART
5
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
RID0
RID1
RID2
RID3
D16
D19
D20
D21
D22
D18
D23
D17
( This portation no clock presented )
Chip 0 Memory Test Fail and/or 100M Collision
Chip 1 Memory Test Fail and/or 10M Collision
Notes:
a.
PART7~0indicates partition status for each port
b.
JAB7~0 indicates jabber status for each port
c.
ACT7~0 indicates activity status for each port
d.
RID3~0 is the ID of repeater chip
e.
10M UTI5~0 indicate global utilization rate of 10Mbps for each 104.8ms sampling period.
f.
100M UTI5~0 indicate global utilization rate of 100Mbps for each 104.8ms sampling period.
It must use external shift register to decode data on LED[1:0]. The application shows as follows:
74LS164(#1)
Q
0
Q
1
Q
2
Q
3
Q
4
Q
5
Q
6
Q
7
D
LED[0]
LED_CK
74LS164(#3)
Q
0
Q
1
Q
2
Q
3
Q
4
Q
5
Q
6
Q
7
D
74LS164(#2)
Q
0
Q
1
Q
2
Q
3
Q
4
Q
5
Q
6
Q
7
D
Fig - 3
Application for LED display
If the user don‘t want to show jabber status, take away the latter 74LS164(#2). The application is the
same for LED[1].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com