Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88873P Datasheet(PDF) 6 Page - ASIX Electronics Corporation

Part # AX88873P
Description  10/100BASE Dual Speed 8-Port Repeater
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88873P Datasheet(HTML) 6 Page - ASIX Electronics Corporation

Back Button AX88873P Datasheet HTML 2Page - ASIX Electronics Corporation AX88873P Datasheet HTML 3Page - ASIX Electronics Corporation AX88873P Datasheet HTML 4Page - ASIX Electronics Corporation AX88873P Datasheet HTML 5Page - ASIX Electronics Corporation AX88873P Datasheet HTML 6Page - ASIX Electronics Corporation AX88873P Datasheet HTML 7Page - ASIX Electronics Corporation AX88873P Datasheet HTML 8Page - ASIX Electronics Corporation AX88873P Datasheet HTML 9Page - ASIX Electronics Corporation AX88873P Datasheet HTML 10Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ASIX ELECTRONICS CORPORATION
6
CONFIDENTIAL
AX88873P 10/100Mb Repeater Controller PRELIMINARY
2.0 Pin Description
The following terms describe the AX88873 pin out:
All pin names with the “/” suffix are asserted low.
I
=
Input
O
=
Output
I/O
=
Input /Output
2.1 RMII interface for repeater ports
2.1.1 Repeater Port 0
Signal Name
Type
Pin No.
Description
SPEED0
I
103
Speed Select : SPEED0 is not standard RMII signal. This signal is
sourced from PHY to inform repeater whether 10M or 100M speed is
auto-negociated. Active for 10Mbps speed is selected depending on
power on configuration.
CRS_DV0
I
104
Carrier
Sense/Receive
Data
Valid
:
CRS_DV
is
asserted
asynchronously on detection of carrier. CRS_DV is asserted by the PHY
when receive medium is non-idle. Loss of carrier shall result in the
desertion of CRS_DV synchronous to the cycle of REF_CLK, which
presents the first DI-bit of a nibble on to RXD0[1:0].
RXD0[1:0]
I
106,105
Receive Data : RXD0[1:0] is synchronous to REF_CLK
RXD0[1:0] shall be “00” to indicate idle when CRS_DV is disserted.
Value other than “00” are reserved for out-of-band signaling shall be
ignored by MAC Upon assertion of CRS_DV, PHY shall ensure that
RXD[1:0] = “00” until proper receive decoding takes place
TXEN0
O
108
Transmit Enable : TXEN0 is synchronous to REF_CLK.
TXEN0 indicates that MAC is presenting DI-bits on TXD[1:0] for
transmission. TXEN0 shall be negated prior to the 1st REF_CLK rising
edge following the final DI-bit of a frame
TXD0[1:0]
O
110,109
Transmit Data : TXD0[1:0] shall transition synchronously to
REF_CLK. TXD0[1:0] shall be “00” to indicate idle when TX_EN is
disserted. Value other than “00” are reserved for out-of-band signaling
shall be ignored by PHY. When TX_EN is asserted, TXD[1:0] are
accepted for transmission by PHY
2.1.2 Repeater Port 1
Signal Name
Type
Pin No.
Description
SPEED1
I
111
Speed Select : Please references section 2.1.1 PORT0 description.
CRS_DV1
I
113
Carrier Sense/Receive Data Valid : Please references section 2.1.1
PORT0 description.
RXD1[1:0]
I
115,114
Receive Data : Please references section 2.1.1 PORT0 description.
TXEN1
O
116
Transmit Enable : Please references section 2.1.1 PORT0 description.
TXD1[1:0]
O
119,118
Transmit Data : Please references section 2.1.1 PORT0 description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com