Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88873P Datasheet(PDF) 7 Page - ASIX Electronics Corporation

Part # AX88873P
Description  10/100BASE Dual Speed 8-Port Repeater
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88873P Datasheet(HTML) 7 Page - ASIX Electronics Corporation

Back Button AX88873P Datasheet HTML 3Page - ASIX Electronics Corporation AX88873P Datasheet HTML 4Page - ASIX Electronics Corporation AX88873P Datasheet HTML 5Page - ASIX Electronics Corporation AX88873P Datasheet HTML 6Page - ASIX Electronics Corporation AX88873P Datasheet HTML 7Page - ASIX Electronics Corporation AX88873P Datasheet HTML 8Page - ASIX Electronics Corporation AX88873P Datasheet HTML 9Page - ASIX Electronics Corporation AX88873P Datasheet HTML 10Page - ASIX Electronics Corporation AX88873P Datasheet HTML 11Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ASIX ELECTRONICS CORPORATION
7
CONFIDENTIAL
AX88873P 10/100Mb Repeater Controller PRELIMINARY
2.1.3 Repeater Port 2
Signal Name
Type
Pin No.
Description
SPEED2
I
121
Speed Select : Please references section 2.1.1 PORT0 description.
CRS_DV2
I
122
Carrier Sense/Receive Data Valid : Please references section 2.1.1
PORT0 description.
RXD2[1:0]
I
124,123
Receive Data : Please references section 2.1.1 PORT0 description.
TXEN2
O
125
Transmit Enable : Please references section 2.1.1 PORT0 description.
TXD2[1:0]
O
127,126
Transmit Data : Please references section 2.1.1 PORT0 description.
2.1.4 Repeater Port 3
Signal Name
Type
Pin No.
Description
SPEED3
I
1
Speed Select : Please references section 2.1.1 PORT0 description.
CRS_DV3
I
2
Carrier Sense/Receive Data Valid : Please references section 2.1.1
PORT0 description.
RXD3[1:0]
I
4,3
Receive Data : Please references section 2.1.1 PORT0 description.
TXEN3
O
5
Transmit Enable : Please references section 2.1.1 PORT0 description.
TXD3[1:0]
O
7,6
Transmit Data : Please references section 2.1.1 PORT0 description.
2.1.5 Repeater Port 4
Signal Name
Type
Pin No.
Description
SPEED4
I
9
Speed Select : Please references section 2.1.1 PORT0 description.
CRS_DV4
I
10
Carrier Sense/Receive Data Valid : Please references section 2.1.1
PORT0 description.
RXD4[1:0]
I
12,11
Receive Data : Please references section 2.1.1 PORT0 description.
TXEN4
O
13
Transmit Enable : Please references section 2.1.1 PORT0 description.
TXD4[1:0]
O
15,14
Transmit Data : Please references section 2.1.1 PORT0 description.
2.1.6 Repeater Port 5
Signal Name
Type
Pin No.
Description
SPEED5
I
19
Speed Select : Please references section 2.1.1 PORT0 description.
CRS_DV5
I
20
Carrier Sense/Receive Data Valid : Please references section 2.1.1
PORT0 description.
RXD5[1:0]
I
23,22
Receive Data : Please references section 2.1.1 PORT0 description.
TXEN5
O
24
Transmit Enable : Please references section 2.1.1 PORT0 description.
TXD5[1:0]
O
26,25
Transmit Data : Please references section 2.1.1 PORT0 description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com