Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88873P Datasheet(PDF) 9 Page - ASIX Electronics Corporation

Part # AX88873P
Description  10/100BASE Dual Speed 8-Port Repeater
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88873P Datasheet(HTML) 9 Page - ASIX Electronics Corporation

Back Button AX88873P Datasheet HTML 5Page - ASIX Electronics Corporation AX88873P Datasheet HTML 6Page - ASIX Electronics Corporation AX88873P Datasheet HTML 7Page - ASIX Electronics Corporation AX88873P Datasheet HTML 8Page - ASIX Electronics Corporation AX88873P Datasheet HTML 9Page - ASIX Electronics Corporation AX88873P Datasheet HTML 10Page - ASIX Electronics Corporation AX88873P Datasheet HTML 11Page - ASIX Electronics Corporation AX88873P Datasheet HTML 12Page - ASIX Electronics Corporation AX88873P Datasheet HTML 13Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
ASIX ELECTRONICS CORPORATION
9
CONFIDENTIAL
AX88873P 10/100Mb Repeater Controller PRELIMINARY
2.3 Expansion Bus Interface for 10 Mbps
Signal Name
Type Pin No.
Description
TIRD[3:0]
I/O/Z
/PU
65,64
63,62
INTER REPEATER DATA : Nibble data input/output. Transfer data from
the “active” AX88872/3 to all other “inactive” AX88872/3 chips. The bus-
master of the IRD bus is determined by IR_ACT bus arbitration.
/TIRD_V
I/O/Z
/PU
60
INTER REPEATER DATA VALID : This signal reflects the RX_DV
status of the active port. Used to frame good packets.
TIRD_CK
I/O/Z
/PU
59
INTER REPEATER CLOCK VALID : All inter repeater signals are
synchronized to the rising edge of this clock.
TIRD_ODIR
O
58
INTER REPEATER DATA IN/OUT DIRECTION :
This pin indicates the direction of data for external transceiver.
“High” = TIRD[3:0], /TIRD_V , TIRD_CK are Output.
“Low” = TIRD[3:0], /TIRD_V , TIRD_CK are Input.
/LTIR_ACT[2:0]
I/O/OC 68,67,66 LOCAL REPEATER ACTIVITY IN/OUT : the function is the same as
/TIR_ACTO[3:0] but for local repeater activity only.
/TIR_ACTI[3:0]
I/PU
74,73,
72,71
INTER REPEATER ACTIVITY IN: These pins perform the same
function as /HIR_ACTO[3:0] when they serve as input function. Then the
/HIR_ACTO[3:0] insert external buffers the input function must be replaced
with /HIR_ACTI [3:0].
/TIR_ACTO[3:0]
I/O/OC
79,78
76,75
INTER REPEATER ACTIVITY IN/OUT: The local repeater activity
appearance, the signal of the related RID (Repeater ID) will be asserted and
as an output pin. All other pins serve as input pins but except the collision
conditions. When collision occurs , the signal of related (RID-1) pins will
also serve as outputs and will active during local collision period. The
exception case is when RID = 0, then (RID-1) is replaced with (RID+1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com