Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88873P Datasheet(PDF) 11 Page - ASIX Electronics Corporation

Part # AX88873P
Description  10/100BASE Dual Speed 8-Port Repeater
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88873P Datasheet(HTML) 11 Page - ASIX Electronics Corporation

Back Button AX88873P Datasheet HTML 7Page - ASIX Electronics Corporation AX88873P Datasheet HTML 8Page - ASIX Electronics Corporation AX88873P Datasheet HTML 9Page - ASIX Electronics Corporation AX88873P Datasheet HTML 10Page - ASIX Electronics Corporation AX88873P Datasheet HTML 11Page - ASIX Electronics Corporation AX88873P Datasheet HTML 12Page - ASIX Electronics Corporation AX88873P Datasheet HTML 13Page - ASIX Electronics Corporation AX88873P Datasheet HTML 14Page - ASIX Electronics Corporation AX88873P Datasheet HTML 15Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
ASIX ELECTRONICS CORPORATION
11
CONFIDENTIAL
AX88873P 10/100Mb Repeater Controller PRELIMINARY
The pin is just for test mode setting purpose only. Must be pull high when
normal operation.
NC
O
16, 18
49,88
102
NC : Keep no connection
VDD
I
17, 34
48, 57
77, 89
107, 120
POWER : +3.3V +/-5%
VSS
I
8, 21
46, 50
53,61
69, 70
82, 94,
112, 117
128
POWER: 0V
2.6 Power on configuration setup signals cross reference table
Signal Name
Share with
Description
Speed_Define
TXD7[1]
Speed Setting for Repeater Port 0 to Port 7 :
0 : SPEED0~7 pin is Low for 10M,high for 100M
1 : SPEED0~7 pin is Low for 100M,high for 10M
LRID_S1
LRID_S0
TXD5[1]
TXD5[0]
Local Repeater ID Selection :
LRID_S1
LRID_S0
LRID No.
1
1
0
1
0
1
0
1
2
0
0
reserved
All of the above signals are pull-up for default values.
Note 1 :
The calculation formulae of Traffic Utilization between ASIX and NetCom is difference, so you will get different results
when using SmartBit (SB) testing this item.
We found the SmartBit calculate the Utilization without include 96 Bit time inter frame gap (IFG). So the utilization
value can be 100%. As well as we found SB used min packet size (64 byte) and min IFG (96 bit-time) as 100% utilization.
In theory, when max packet size (1518 byte) and min IFG the utilization will be more than 100%, but SB also treat it as
100%.
In our AX88873 design, we use real cable bandwidth as calculation base. We calculate the bit counts of carrier within a
unit time. Because of the existence of inter frame gap, In our calculation 100% utilization is impossible. So the above two
cases (64 byte packet size and 1518 byte packet size with min. IFG), we will count as 85.7% and 99.2%.
If using SB test result to indicate utilization LED the value must be modified. See the following reference table.
ASIX’s Utilization%
1
5
10
15
30
60
SmartBit’s Utilization%
2
7
12
17
34
68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com