Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT386LE Datasheet(PDF) 67 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 67 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 63Page - Intel Corporation LXT386LE Datasheet HTML 64Page - Intel Corporation LXT386LE Datasheet HTML 65Page - Intel Corporation LXT386LE Datasheet HTML 66Page - Intel Corporation LXT386LE Datasheet HTML 67Page - Intel Corporation LXT386LE Datasheet HTML 68Page - Intel Corporation LXT386LE Datasheet HTML 69Page - Intel Corporation LXT386LE Datasheet HTML 70Page - Intel Corporation LXT386LE Datasheet HTML 71Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 78 page
background image
QUAD T1/E1/J1 Transceiver — LXT386
Datasheet
67
Figure 26. Multiplexed Motorola Mode Read Timing
Table 49. Motorola Mode Write Timing Characteristics
Parameter2
Sym
Min
Typ1
Max
Unit
Test Conditions
Address setup time to address strobe
Tsas
10
––
ns
Address hold time to address strobe
Thas
5
––
ns
Valid address strobe pulse width
Tvas
95
––
ns
R/W setup time to active data strobe
Tsrw
10
––
ns
R/W hold time from inactive data strobe
Thrw
0
––
ns
Chip select setup time to active data strobe
Tscs
0
––
ns
Chip select hold time from inactive data strobe
Thcs
0
––
ns
Address strobe active to data strobe active delay
Tasds
20
––
ns
Data setup time to DS deassertion
Tsdw
40
––
ns
Data hold time from DS deassertion
Thdw
30
––
ns
Valid data strobe pulse width
Tvds
60
––
ns
Inactive data strobe to inactive INT delay time
Tint
––
10
ns
1. Typical figures are at 25 C and are for design aid only; not guaranteed and not subject to production testing.
2. CL= 100pF on D0-D7, all other outputs are loaded with 50pF.
D7-D0
DATA OUT
tSRW
tSCS
tASDS
tVDS
tSAR
tHAR
tPDS
ADDRESS
tDACKP
tPACK
tDSAS
tVAS
tHRW
tHCS
tDZ
tINT
tDACK
AS
R/W
CS
DS
INT
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com