Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT386LE Datasheet(PDF) 44 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 44 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 40Page - Intel Corporation LXT386LE Datasheet HTML 41Page - Intel Corporation LXT386LE Datasheet HTML 42Page - Intel Corporation LXT386LE Datasheet HTML 43Page - Intel Corporation LXT386LE Datasheet HTML 44Page - Intel Corporation LXT386LE Datasheet HTML 45Page - Intel Corporation LXT386LE Datasheet HTML 46Page - Intel Corporation LXT386LE Datasheet HTML 47Page - Intel Corporation LXT386LE Datasheet HTML 48Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 78 page
background image
LXT386 — QUAD T1/E1/J1 Transceiver
44
Datasheet
Table 28. AIS Interrupt Enable Register, AISIE (14H)
Bit1
Name
Function
3-0
AISIE3-AISIE0
Transceiver 3-0 AIS interrupts are enabled by writing a “1” to the respective bit.
7-4
-
Write “0” to these positions for normal operation.
1. On power-up all the register bits are set to “0”.
Table 29. AIS Interrupt Status Register, AISIS (15H)
Bit1
Name
Function
3-0
AISIS3-AISIS0
These bits are set to “1” every time a AIS status change has occurred since the last clear
interrupt in transceivers 3-0 respectively.
1. On power-up all the register bits are set to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com