Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT386LE Datasheet(PDF) 21 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 21 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 17Page - Intel Corporation LXT386LE Datasheet HTML 18Page - Intel Corporation LXT386LE Datasheet HTML 19Page - Intel Corporation LXT386LE Datasheet HTML 20Page - Intel Corporation LXT386LE Datasheet HTML 21Page - Intel Corporation LXT386LE Datasheet HTML 22Page - Intel Corporation LXT386LE Datasheet HTML 23Page - Intel Corporation LXT386LE Datasheet HTML 24Page - Intel Corporation LXT386LE Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
QUAD T1/E1/J1 Transceiver — LXT386
Datasheet
21
A4,
B4,
C4, C11,
D4, D11,
G1, G14,
H1, H14
4, 6, 8, 9,
67, 68, 75,
VCC
S
Power Supply. Connect all pins to +3.3 volt power supply.
A11, B11
-
TVCC
S
Transmit Driver Power Supply. Power supply pins for the output drivers.
TVCC pins can be connected to either a 3.3V or 5V power supply. Refer to
“Transmitter” on page 25 for details.
A: 1, 2, 3, 5,
7, 10, 12,
13, 14
B: 7, 8, 10
C: 1, 2, 3, 5,
7, 8, 10, 12,
13, 14
D: 5, 7, 8, 10
E: 3, 4, 11,
12
50
N/C
NC
Not Connected. These pins must be left open for normal operation.
Table 1.
Pin Assignments and Signal Descriptions (Continued)
Ball #
PBGA
Pin #
LQFP
Symbol
I/O1
Description
1. DI: Digital Input; DO: Digital Output; DI/O: Digital Bidirectional Port; AI: Analog Input; AO: Analog Output S: Power Supply;
N.C.: Not Connected.
2. N/C means “Not Connected”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com