Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT386LE Datasheet(PDF) 29 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 29 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 25Page - Intel Corporation LXT386LE Datasheet HTML 26Page - Intel Corporation LXT386LE Datasheet HTML 27Page - Intel Corporation LXT386LE Datasheet HTML 28Page - Intel Corporation LXT386LE Datasheet HTML 29Page - Intel Corporation LXT386LE Datasheet HTML 30Page - Intel Corporation LXT386LE Datasheet HTML 31Page - Intel Corporation LXT386LE Datasheet HTML 32Page - Intel Corporation LXT386LE Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 78 page
background image
QUAD T1/E1/J1 Transceiver — LXT386
Datasheet
29
Figure 7. External Transmit/Receive Line Circuitry
0.1
µF
TVCC
R
T
R
T
1:2
TTIP
TRING
RTIP
RRING
R
R
R
R
0.22
µF
1:2
68
µF
1
1
Common decoupling capacitor for all TVCC and TGND pins.
TVCC
D1
D2
TVCC
D3
D4
560pF
2
1k
Ω
1k
Ω
Rx LINE
Tx LINE
VCC
GND
LXT386
(ONE CHANNEL)
0.1
µF
3.3V
3
3
Refer to Transformer Specifications Table for transformer specifications.
TVCC
TVS1
2
Typical value. Adjust for actual board parasitics to obtain optimum return loss.
0.1
µF
TVCC
R
T
R
T
1:2
TTIP
TRING
RTIP
RRING
R
R
R
R
0.22
µF
1:2
68
µF
1
1
Common decoupling capacitor for all TVCC and TGND pins.
TVCC
D1
D2
TVCC
D3
D4
560pF
2
1k
Ω
1k
Ω
Rx LINE
Tx LINE
VCC
GND
LXT386
(ONE CHANNEL)
0.1
µF
3.3V
3
3
Refer to Transformer Specifications Table for transformer specifications.
TVCC
TVS1
2
Typical value. Adjust for actual board parasitics to obtain optimum return loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com