Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT386LE Datasheet(PDF) 11 Page - Intel Corporation

Part # LXT386LE
Description  QUAD T1/E1/J1 Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT386LE Datasheet(HTML) 11 Page - Intel Corporation

Back Button LXT386LE Datasheet HTML 7Page - Intel Corporation LXT386LE Datasheet HTML 8Page - Intel Corporation LXT386LE Datasheet HTML 9Page - Intel Corporation LXT386LE Datasheet HTML 10Page - Intel Corporation LXT386LE Datasheet HTML 11Page - Intel Corporation LXT386LE Datasheet HTML 12Page - Intel Corporation LXT386LE Datasheet HTML 13Page - Intel Corporation LXT386LE Datasheet HTML 14Page - Intel Corporation LXT386LE Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 78 page
background image
QUAD T1/E1/J1 Transceiver — LXT386
Datasheet
11
Table 1.
Pin Assignments and Signal Descriptions
Ball #
PBGA
Pin #
LQFP
Symbol
I/O1
Description
E1
78
MCLK
DI
Master Clock. MCLK is an independent, free-running reference clock. It’s
frequency should be 1.544 MHz for T1 operation and 2.048 MHz for E1
operation.
This reference clock is used to generate several internal reference
signals:
•
Timing reference for the integrated clock recovery unit
•
Timing reference for the integrated digital jitter attenuator
•
Generation of RCLK signal during a loss of signal condition
•
Reference clock during a blue alarm transmit all ones condition
•
Reference timing for the parallel processor wait state generation logic
If MCLK is High, the PLL clock recovery circuit is disabled. In this mode,
the LXT386 operates as simple data receiver.
If MCLK is Low, the complete receive path is powered down and the
output pins RCLK, RPOS and RNEG are switched to Tri-state mode.
MCLK is not required if LXT386 is used as a simple analog front-end
without clock recovery and jitter attenuation.
Note that wait state generation via RDY/ACK is not available if MCLK is
not provided.
E2
79
MODE
DI
Mode Select. This pin is used to select the operating mode of the
LXT386. In Hardware Mode, the parallel processor interface is disabled
and hardwired pins are used to control configuration and report status.
In Parallel Host Mode, the parallel port interface pins are used to control
configuration and report status.
In Serial Host Mode the serial interface pins: SDI, SDO, SCLK and CS are
used.
For Serial Host Mode, the pin should connected to a resistive divider
consisting of two 10 k
Ω resistors across VCC and Ground.
F4
89
A4
DI
Address Select. In host mode, this pin is Address 4 input pin. In hardware
mode this pin must be connected to Ground.
1. DI: Digital Input; DO: Digital Output; DI/O: Digital Bidirectional Port; AI: Analog Input; AO: Analog Output S: Power Supply;
N.C.: Not Connected.
2. N/C means “Not Connected”
MODE
Operating Mode
L
Hardware Mode
H
Parallel Host Mode
Vcc/2
Serial Host Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com